| Electronic Components Datasheet Search |
|
LTP5901-WHM Datasheet(PDF) 13 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTP5901-WHM Datasheet(HTML) 13 Page - Linear Technology |
|
13 / 32 page ![]() LTP5901-WHM/LTP5902-WHM 13 59012whmf For more information www.linear.com/LTP5901-WHM or www.linear.com/LTP5902-WHM Typical perForMance cHaracTerisTics Network motes typically route through at least two par- ents the traffic destined for the manager. The supply current graphs shown below include a parameter called traffic-weighted descendants. In these graphs the term traffic-weighted descendants refers to an amount of activity equivalent to the number of descendants if all of the network traffic was directed to the mote in question. Generally the number of descendants of a parent is more, typically 2x or more, than the number of traffic-weighted descendants. For example, with reference to Figure 6 mote P1 has 0.75 traffic-weighted descendants. To obtain this value notice that mote D1 routes half its packets through mote P1 adding 0.5 to the traffic-weighted descendant value; the other half of D1’s traffic is routed through its other parent, P2. Mote D2 routes half its packets through mote D1 (the other half going through parent P3), which we know routes half its packets to mote P1, adding another 0.25 to the traffic-weighted descendant value for a total traffic-weighted descendant value of 0.75. As described in the Application Time Synchronization section, Eterna provides two mechanisms for applications to maintain a time base across a network. The synchro- nization performance plots that follow were generated using the more precise TIMEn input. Publishing rate is the rate a mote application sends upstream data. Syn- chronization improves as the publishing rate increases. Baseline synchronization performance is provided for a network operating with a publishing rate of zero. Actual performance for applications in network will improve as publishing rates increase. All synchronization testing 1-HOP 2-HOP 3-HOP 59012 F06 P1 P2 P3 D1 D2 MANAGER Figure 6. Example Network Graph TEMPERATURE (°C) –40 0 100 80 60 40 20 120 40 60 80 –20 0 59012 F06a 20 0 TWD 30s REPORTING 0 TWD 5s REPORTING 2 TWD 30s REPORTING 2 TWD 5s REPORTING 5 TWD 30s REPORTING TWD=TRAFFIC-WEIGHTED DESCENDANTS was performed with the 1-hop mote inside a temperature chamber. Timing errors due to temperature changes and temperature differences both between the manager and this mote and between this mote and its descendents therefore propagated down through the network. The syn- chronization of the 3-hop and 5-hop motes to the manager was then affected by the temperature ramps even though they were at room temperature. For 2°C/minute testing the temperature chamber was cycled between –40°C and 85°C at this rate for 24 hours. For 8°C/minute testing, the temperaturechamberwasrapidlycycledbetween85°Cand 45°C for 8 hours, followed by rapid cycling between –5°C and 45°C for 8 hours, and lastly, rapid cycling between –40°C and 15°C for 8 hours. REPORTING INTERVAL (s) 0 0 9 8 7 6 5 4 2 1 3 10 20 25 30 5 10 59012 F06b 15 1 HOPS 2 HOPS 3 HOPS 4 HOPS 5 HOPS REPORTING INTERVAL (s) 0 0 200 150 100 50 250 20 25 30 5 10 59012 F06c 15 0 TWD 1 TWD 2 TWD 5 TWD TWD=TRAFFIC WEIGHTED DESCENDANTS Supply Current vs Temperature Packet Latency vs Reporting Interval Supply Current vs Reporting Interval |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |