Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT5045A Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT5045A
Description  Power Management Unit Total Power Solution for SSD
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5045A Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT5045A Datasheet HTML 17Page - Richtek Technology Corporation RT5045A Datasheet HTML 18Page - Richtek Technology Corporation RT5045A Datasheet HTML 19Page - Richtek Technology Corporation RT5045A Datasheet HTML 20Page - Richtek Technology Corporation RT5045A Datasheet HTML 21Page - Richtek Technology Corporation RT5045A Datasheet HTML 22Page - Richtek Technology Corporation RT5045A Datasheet HTML 23Page - Richtek Technology Corporation RT5045A Datasheet HTML 24Page - Richtek Technology Corporation RT5045A Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
RT5045A
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5045A-00
March
2015
www.richtek.com
21
Table 9. CH4_CFG_REG
Address : 0x07
Description : CH4 config register.
Set CH4 current limited, VID change slew rate, PWM frequency.
Bits
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Name
Reserved
ILMAX
TSTEP
FREQ
Reset Value
0
1
0
1
0
1
1
0
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits
Name
Description
7
Reserved
Reserved bit
6 : 5
ILMAX
ILMAX[6:5] = 00 : 2A
ILMAX[6:5] = 01 : 2.5A
ILMAX[6:5] = 10 : 3A (default)
ILMAX[6:5] = 11 : 3.5A
4 : 3
TSTEP
TSTEP[4:3] = 00 : 20mV/
s
TSTEP[4:3] = 01 : 15mV/
s
TSTEP[4:3] = 10 : 10mV/
s (default)
TSTEP[4:3] = 11 : 5mV/
s
2 : 0
FREQ
FREQ[2:0] = 000 to 011, 1MHz
FREQ[2:0] = 100, 1.5MHz
FREQ[2:0] = 101, 2.0MHz
FREQ[2:0] = 110, 2.5MHz (default)
FREQ[2:0] = 111, 3.0MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com