Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSRDA3.3-4 Datasheet(PDF) 2 Page - Protek Devices

Part # PSRDA3.3-4
Description  500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSRDA3.3-4 Datasheet(HTML) 2 Page - Protek Devices

  PSRDA3.3-4 Datasheet HTML 1Page - Protek Devices PSRDA3.3-4 Datasheet HTML 2Page - Protek Devices PSRDA3.3-4 Datasheet HTML 3Page - Protek Devices PSRDA3.3-4 Datasheet HTML 4Page - Protek Devices PSRDA3.3-4 Datasheet HTML 5Page - Protek Devices PSRDA3.3-4 Datasheet HTML 6Page - Protek Devices PSRDA3.3-4 Datasheet HTML 7Page - Protek Devices PSRDA3.3-4 Datasheet HTML 8Page - Protek Devices PSRDA3.3-4 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05096.R11 10/12
Page 2
PSRDA3.3-4 - PSRDA15-4
TYPICAL DEVICE ChARACTERISTICS
MAXIMuM RATINGS @ 25°C unless Otherwise Specified
PARAMETER
SYMBOL
VALuE
uNITS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
500
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Continuous Power Dissipation
P
PC
1000
mW
Maximum Forward Voltage @ 10mA (Note 1)
V
F
1.1
Volts
NOTES
1. Measured between pins 8 or 5 to 1, 2, 3, 4, 6 and 7.
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C unless Otherwise Specified
PART
NuMBER
DEVICE
MARkING
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMuM
BREAkDOWN
VOLTAGE
@1mA
V
(BR)
VOLTS
MAXIMuM
CLAMPING
VOLTAGE
(Fig. 2)
@I
P = 1A
V
C
VOLTS
MAXIMuM
LEAkAGE
CuRRENT
@V
WM
I
D
µA
MAXIMuM
CAPACITANCE
(Note 1)
(Fig. 6)
@0V, 1Mhz
C
j(SD)
pF
PSRDA3.3-4
PRA
3.3
4.0
6.5
125
5
PSRDA05-4
PRB
5.0
6.0
9.8
20
5
PSRDA12-4
PRD
12.0
13.3
19.0
1
5
PSRDA15-4
PRE
15.0
16.7
24.0
1
5
NOTES
1. Capacitance measured at V
WM = VCC connected between I/O pins to pin 8 and 5 (Gnd). VR = VWM @ 1MHz. As shown in Figure 6, REF1 is connected to ground, REF2 is connected to +VCC,
and input applies to V
CC = 5V, VSIGN = 30mV, F = 1MHz
FIGuRE 1
PEAk PuLSE POWER VS PuLSE TIME
t
d - Pulse Duration - µs
500W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com