Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT8487 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8487
Description  High Efficiency BCM LED Driver Controller for High Power
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8487 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8487 Datasheet HTML 1Page - Richtek Technology Corporation RT8487 Datasheet HTML 2Page - Richtek Technology Corporation RT8487 Datasheet HTML 3Page - Richtek Technology Corporation RT8487 Datasheet HTML 4Page - Richtek Technology Corporation RT8487 Datasheet HTML 5Page - Richtek Technology Corporation RT8487 Datasheet HTML 6Page - Richtek Technology Corporation RT8487 Datasheet HTML 7Page - Richtek Technology Corporation RT8487 Datasheet HTML 8Page - Richtek Technology Corporation RT8487 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT8487
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS8487-00
March
2015
www.richtek.com
3
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VCC
Supply Voltage Input. For good bypass, a ceramic capacitor near the VCC
pin is required.
2
GND
Ground.
3
GATE
Gate Driver Output for External MOSFET Switch.
4
AND
AND Function Pin.
5
VC
Close Loop Compensation Node.
6
SENSE
LED Current Sense Input. The typical sensing threshold is 250mV between
the SENSE and GND pin.
Function Block Diagram
+
-
State Machine
Regulator
A
V
VCC
GATE
GND
AND
VC
SENSE
250mV
EA
Operation
The RT8487 senses true average output current and
keeps the system driving constant output current. The
VC pin is the compensation node in this close loop
system and dominates the frequency response. To
stabilize the system and achieve better PFC / THDi,
proper selection of a compensation network is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com