Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9728 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9728
Description  The RT9728 is a cost effective
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9728 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9728 Datasheet HTML 1Page - Richtek Technology Corporation RT9728 Datasheet HTML 2Page - Richtek Technology Corporation RT9728 Datasheet HTML 3Page - Richtek Technology Corporation RT9728 Datasheet HTML 4Page - Richtek Technology Corporation RT9728 Datasheet HTML 5Page - Richtek Technology Corporation RT9728 Datasheet HTML 6Page - Richtek Technology Corporation RT9728 Datasheet HTML 7Page - Richtek Technology Corporation RT9728 Datasheet HTML 8Page - Richtek Technology Corporation RT9728 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT9728
1
DS9728-05
October 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
Features
±±±±±10% Current Limit Accuracy @ 1.3A
Adjustable Current Limit : 75mA to 1.3A (typ.)
Meets USB Current Limiting Requirements
Operating Voltage Range : 2.5V to 5.5V
Reverse Input
−−−−− Output Voltage Protection
Built-in Soft-Start
120m
Ω
Ω
Ω
Ω
Ω High Side MOSFET
120
μμμμμA Supply Current
RoHS Compliant and Halogen Free
120m
Ω
Ω
Ω
Ω
Ω, 1.3A Power Switch with Programmable Current Limit
General Description
The RT9728 is a cost effective, low voltage, single
P-MOSFET high side power switch IC for USB application
with a programmable current limit feature. Low switch-on
resistance (typ.120m
Ω) and low supply current (typ.
120
μA) are realized in this IC.The RT9728 can offer a
programmable current limit threshold between 75mA and
1.3A (typ.) via an external resistor. The
±10% current limit
accuracy can be realized for all current limit settings.
Besides, a flag output is available to indicate fault
conditions to the local USB controller. Furthermore, the
chip also integrates an embedded delay function to prevent
mis-operation from happening due to high inrush current.
The RT9728 is an ideal solution for USB power supply
and can support flexible applications since it is functional
for various current limit requirements. It is available in
WDFN-6L 2x2 package.
Pin Configurations
(TOP VIEW)
WDFN-6L 2x2
VOUT
ILIM
GND
5
4
1
2
3
6
7
EN
VIN
FAULT
Applications
USB Bus/Self Powered Hubs
USB Peripheral Ports
ACPI Power Distribution
Battery Power Equipment
3G/3.5G Data Card, Set-Top Boxes
Marking Information
J0 : Product Code
W : Date code
J0 : Product Code
W : Date Code
RT9728ZQW
RT9728GQW
J0W
J0W
Note :
***Empty means Pin1 orientation is Quadrant 1
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT9728
Package Type
QW : WDFN-6L 2x2 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Z : ECO (Ecological Element with
Halogen Free and Pb free)
Pin 1 Orientation
***
(2) : Quadrant 2, Follow EIA-481-D
(For RT9728GQW Only)


Similar Part No. - RT9728

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9728A RICHTEK-RT9728A Datasheet
222Kb / 13P
120m廓, 1.3A Power Switch with Programmable Current Limit
RT9728B RICHTEK-RT9728B Datasheet
227Kb / 14P
Power Switch with Adjustable Current Limit
RT9728BHGE RICHTEK-RT9728BHGE Datasheet
227Kb / 14P
Power Switch with Adjustable Current Limit
RT9728BLGQW RICHTEK-RT9728BLGQW Datasheet
227Kb / 14P
Power Switch with Adjustable Current Limit
RT9728C RICHTEK-RT9728C Datasheet
210Kb / 13P
Power Switch with Programmable Current Limit
More results

Similar Description - RT9728

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
4S2F FERROXCUBE-4S2F Datasheet
1Mb / 6P
The cost effective EMI suppression alternative
logo
NXP Semiconductors
TDA8034HN-C1,151 NXP-TDA8034HN-C1,151 Datasheet
285Kb / 30P
The TDA8034HN is a cost-effective analog interface for asynchronous and synchronous
Rev. 3.1-5 September 2011
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
Cost effective
logo
TEMEX
ROX3627T3 TEMEX-ROX3627T3 Datasheet
425Kb / 2P
The ROX3627T3 OCXO is a cost effective stable oscillator for telecom applications
ROX3827T3 TEMEX-ROX3827T3 Datasheet
472Kb / 2P
The ROX3827T3 OCXO is the cost effective highly stable oscillator for telecom applications
logo
Richtek Technology Corp...
RT9742 RICHTEK-RT9742 Datasheet
272Kb / 19P
The RT9742 is a cost-effective
logo
Level One
VOI-8001 LVL1-VOI-8001 Datasheet
134Kb / 2P
The LevelOne VOI-8001 is a cost-effective VoIP telephone gateway
logo
American Electronic Com...
DG27 AEC-DG27 Datasheet
355Kb / 2P
Cost effective
DG31A AEC-DG31A Datasheet
310Kb / 2P
Cost effective
logo
ECS, Inc.
CSM-8A ECS-CSM-8A Datasheet
599Kb / 2P
The CSM-8A Series is a very cost effective, low profile SMD quartz crystal.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com