Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFHA1042 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFHA1042
Description  125W GaN Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1042 Datasheet(HTML) 1 Page - RF Micro Devices

  RFHA1042 Datasheet HTML 1Page - RF Micro Devices RFHA1042 Datasheet HTML 2Page - RF Micro Devices RFHA1042 Datasheet HTML 3Page - RF Micro Devices RFHA1042 Datasheet HTML 4Page - RF Micro Devices RFHA1042 Datasheet HTML 5Page - RF Micro Devices RFHA1042 Datasheet HTML 6Page - RF Micro Devices RFHA1042 Datasheet HTML 7Page - RF Micro Devices RFHA1042 Datasheet HTML 8Page - RF Micro Devices RFHA1042 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131023
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 13
RFHA1042
125W GaN Power Amplifier
225MHz to 450MHz
The RFHA1042 is optimized for military communications,
commercial wireless infrastructure and general purpose
applications in the 225MHz to 450MHz frequency band. Using an
advanced 48V high power density gallium nitride (GaN)
semiconductor process optimized for high peak to average ratio
applications, these high-performance amplifiers achieve 125W
power with high efficiency and flat gain over a broad frequency
range in a single amplifier design. The RFHA1042 is an input
matched GaN transistor packaged in an air cavity ceramic
package which provides excellent thermal stability. Ease of
integration is accomplished through the incorporation of simple,
optimized matching networks external to the package that provide
wideband gain, efficiency, and linearizable performance in a
single amplifier.
Functional Block Diagram
Ordering Information
RFHA1042S2
Sample bag with 2 pieces
RFHA1042SB
Bag with 5 pieces
RFHA1042SQ
Bag with 25 pieces
RFHA1042SR
Short reel with 50 pieces
RFHA1042TR13
13” Reel with 300 pieces
RFHA1042PCBA-410
Fully assembled evaluation board
Package: Flanged Ceramic, 2 pin,
RF400-2
Features
Advanced GaN HEMT Technology
Peak Power 125W Wideband
Single Circuit for 225MHz to
450MHz
48V Modulated Typical
Performance
POUT 45.2dBm
Gain 18.5dB
Drain Efficiency 42%
ACP-26dBc
48V CW Typical Broadband
Performance
POUT 51.4dBm
Gain 16dB
Drain Efficiency 60%
-40°C to 85°C Operating
Temperature
Optimized for Video Bandwidth
and Minimized Memory Effects
Large Signal Models Available
Applications
Military Communications
Commercial Wireless Infrastructure
General Purpose UHF Amplifiers
Public Mobile Radios
RFHA1042
RFHA1042


Similar Part No. - RFHA1042

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1043 RFMD-RFHA1043 Datasheet
1Mb / 11P
150W GaN Power Amplifier
More results

Similar Description - RFHA1042

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-001214-125L00-PROD MA-COM-MAGX-001214-125L00-PROD Datasheet
786Kb / 6P
GaN on SiC HEMT Pulsed Power Transistor 125W Peak
logo
RFHIC
HT0808-30A RFHIC-HT0808-30A Datasheet
272Kb / 8P
GaN Hybrid Power Amplifier
HS7785-20A RFHIC-HS7785-20A Datasheet
822Kb / 6P
GaN Hybrid Power Amplifier
HM2060-10A RFHIC-HM2060-10A Datasheet
256Kb / 7P
GaN Hybrid Power Amplifier
logo
Analog Devices
HMC8205BF10 AD-HMC8205BF10 Datasheet
273Kb / 14P
GaN Power Amplifier
Aug-2017
HMC1099PM5E AD-HMC1099PM5E Datasheet
325Kb / 18P
GaN Power Amplifier
9/2018-Rev. A to Rev. B
HMC1114PM5E AD-HMC1114PM5E Datasheet
668Kb / 17P
GaN Power Amplifier
9/2018-Revision 0
HMC8415LP6GE AD-HMC8415LP6GE Datasheet
513Kb / 23P
GaN Power Amplifier
4/2019-Rev. 0 to Rev. A
HMC8500PM5E AD-HMC8500PM5E Datasheet
308Kb / 17P
GaN Power Amplifier
9/2018-Rev. 0 to Rev. A
logo
Qorvo, Inc
QPD1008L QORVO-QPD1008L Datasheet
1Mb / 20P
125W, 50V, DC ??3.2 GHz, GaN RF Transistor
October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com