Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXMP4A16GTC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMP4A16GTC
Description  40V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP4A16GTC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMP4A16GTC Datasheet HTML 1Page - Diodes Incorporated ZXMP4A16GTC Datasheet HTML 2Page - Diodes Incorporated ZXMP4A16GTC Datasheet HTML 3Page - Diodes Incorporated ZXMP4A16GTC Datasheet HTML 4Page - Diodes Incorporated ZXMP4A16GTC Datasheet HTML 5Page - Diodes Incorporated ZXMP4A16GTC Datasheet HTML 6Page - Diodes Incorporated ZXMP4A16GTC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZXMP4A16G
Document number: DS33584 Rev.5 - 2
1 of 7
www.diodes.com
February 2015
© Diodes Incorporated
ZXMP4A16G
40V P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(on) max
ID
TA = +25°C
-40V
60m
Ω @ VGS = -10V
-6.4A
100m
Ω @ VGS = -4.5V
-5.0A
Description
This new generation MOSFET is designed to minimize the on-state
resistance (RDS(ON)) and yet maintain superior switching performance,
making it ideal for high-efficiency power management applications.
Applications
DC-DC Converters
Power Management Functions
Backlighting
Features and Benefits
Low Input Capacitance
Low On-Resistance
Fast Switching Speed
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT223
Case Material:
Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish
Weight: 0.112 grams (Approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXMP4A16GTA
ZXMP4A16
7
12
1,000
ZXMP4A16GTC
ZXMP4A16
13
12
4,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Equivalent Circuit
Green
e3
Top View
SOT223
Pin Out - Top
View
ZXMP4A16 = Product Type Marking Code
YWW = Date Code Marking
Y or Y = Last Digit of Year (ex: 5= 2015)
WW or WW = Week Code (01~53)
SOT223
D
S
G
4A16
ZXMP


Similar Part No. - ZXMP4A16GTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP4A16GTC ZETEX-ZXMP4A16GTC Datasheet
266Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP4A16GTC DIODES-ZXMP4A16GTC Datasheet
277Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2003
More results

Similar Description - ZXMP4A16GTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2003
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
40V P-channel enhancement mode MOSFET
MARCH 2006
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
-40V P-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW40P04DF YFWDIODE-YFW40P04DF Datasheet
1Mb / 5P
-40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Pan Jit International I...
PJL9421 PANJIT-PJL9421 Datasheet
605Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
PJQ4441P-AU PANJIT-PJQ4441P-AU Datasheet
792Kb / 6P
40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-AU-REV.01
PJQ4441P PANJIT-PJQ4441P Datasheet
792Kb / 6P
40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-REV.01
PJQ5453 PANJIT-PJQ5453 Datasheet
595Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 9,2019-REV.00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com