Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SGA7489Z Datasheet(PDF) 6 Page - RF Micro Devices

Part # SGA7489Z
Description  DC to 3000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA7489Z Datasheet(HTML) 6 Page - RF Micro Devices

  SGA7489Z Datasheet HTML 1Page - RF Micro Devices SGA7489Z Datasheet HTML 2Page - RF Micro Devices SGA7489Z Datasheet HTML 3Page - RF Micro Devices SGA7489Z Datasheet HTML 4Page - RF Micro Devices SGA7489Z Datasheet HTML 5Page - RF Micro Devices SGA7489Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6 of 6
DS100915
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA7489Z
Part Identification
Alternate marking is SGA7489Z on line 1 with Trace Code on line 2.
Ordering Information
Ordering Code
Description
SGA7489Z
13” Reel with 3000 pieces
SGA7489ZSQ
Sample bag with 25 pieces
SGA7489ZSR
7” Reel with 100 pieces
SGA7489ZPCK1
850MHz, 8V Operation PCBA with 5-piece sample bag



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com