Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFSW6032 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSW6032
Description  Low Insertion High Isolation SP3T Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6032 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSW6032 Datasheet HTML 1Page - RF Micro Devices RFSW6032 Datasheet HTML 2Page - RF Micro Devices RFSW6032 Datasheet HTML 3Page - RF Micro Devices RFSW6032 Datasheet HTML 4Page - RF Micro Devices RFSW6032 Datasheet HTML 5Page - RF Micro Devices RFSW6032 Datasheet HTML 6Page - RF Micro Devices RFSW6032 Datasheet HTML 7Page - RF Micro Devices RFSW6032 Datasheet HTML 8Page - RF Micro Devices RFSW6032 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RF Micro Devices Inc. 7628 Thorndike Road, Greensboro, NC 27409-9421
DS140821
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 9
RFSW6032
Low Insertion High Isolation SP3T Switch
5MHz to 6000MHz
The RFSW6032 is a low loss, high isolation SP3T switch with
performance optimized for use in Cellular BTS applications. It is
also ideally suited for use in CATV and SATV applications. This
part is packaged in a compact 1.8mm x 1.8mm, 12-pin, QFN
package which allows for a small solution size with no need for
external DC blocking capacitors (when no external DC is applied
to the device ports).
RFSW6032
RF2
ANT
VDD
C1
C2
RF1
RF3
Functional Block Diagram
Ordering Information
RFSW6032SQ
Sample bag with 25 pieces
RFSW6032SR
7" Reel with 100 pieces
RFSW6032TR7
7" Reel with 2500 pieces
RFSW6032PCK-410
5MHz to 6GHz PCBA with 5-piece sample bag
Package: QFN, 12-pin,
1.8mm x 1.8mm
Features
5MHz to 6000MHz Operation
Excellent Insertion Loss and
Isolation Performance
Low Insertion Loss: 0.45dB at
2GHz
High Isolation: 37dBm at 2GHz
High IP3: >70dBm at 2GHz
Compatible with Low Voltage Logic
(VHIGH Minimum = 1.3V)
No External DC Blocking
Capacitors Required on RF
Paths if DC is Applied
Externally
2000V HBM ESD Rating on All
Ports
3V to 5V Operation
Applications
Cellular BTS
CATV and SATV Applications
Test Equipment
General Purpose Switching
RFSW6032


Similar Part No. - RFSW6032

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6023 RFMD-RFSW6023 Datasheet
660Kb / 10P
25dB Isolation at 2GHz
RFSW6024 RFMD-RFSW6024 Datasheet
1Mb / 13P
300MHz to 6000MHz Operation
logo
Qorvo, Inc
RFSW6024 QORVO-RFSW6024 Datasheet
1Mb / 13P
5MHz to 6GHz Absorptive High Isolation SPDT Switch
April 21, 2023
RFSW6024 PCK-410 QORVO-RFSW6024 PCK-410 Datasheet
1Mb / 13P
5MHz to 6GHz Absorptive High Isolation SPDT Switch
April 21, 2023
RFSW6024TR13 QORVO-RFSW6024TR13 Datasheet
1Mb / 13P
5MHz to 6GHz Absorptive High Isolation SPDT Switch
April 21, 2023
More results

Similar Description - RFSW6032

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBKG-T-3-10-500-A AAC-JXWBKG-T-3-10-500-A Datasheet
97Kb / 1P
SP3T Switch
logo
New Japan Radio
NJG1683ME7 NJRC-NJG1683ME7 Datasheet
395Kb / 13P
High Isolation X-SP3T (DP6T) SWITCH
logo
API Technologies Corp
310-021008-001 APITECH-310-021008-001 Datasheet
200Kb / 1P
SP3T SWITCH
logo
TriQuint Semiconductor
TQP4M0011 TRIQUINT-TQP4M0011_15 Datasheet
486Kb / 6P
Low Loss SP3T Reflective Switch
logo
RF Micro Devices
RF1136 RFMD-RF1136 Datasheet
593Kb / 9P
BROADBAND LOW POWER SP3T SWITCH
RFSW6042 RFMD-RFSW6042 Datasheet
1Mb / 12P
Low Insertion High Isolation SP4T Switch
RFSW6062 RFMD-RFSW6062 Datasheet
1Mb / 13P
Low Insertion High Isolation SP6T Switch
RFSW8005 RFMD-RFSW8005 Datasheet
424Kb / 6P
SP3T Switch
logo
Skyworks Solutions Inc.
SKY13523-639LF SKYWORKS-SKY13523-639LF Datasheet
491Kb / 9P
0.7 to 3.0 GHz High-Isolation SP3T Switch
logo
ON Semiconductor
FSA3357 ONSEMI-FSA3357 Datasheet
361Kb / 13P
Low Voltage SP3T Analog Switch
Revised August 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com