Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFVC1801PCK-410 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFVC1801PCK-410
Description  Wideband MMIC VCO with Buffer Amplifier 5GHz to 10GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1801PCK-410 Datasheet(HTML) 2 Page - RF Micro Devices

  RFVC1801PCK-410 Datasheet HTML 1Page - RF Micro Devices RFVC1801PCK-410 Datasheet HTML 2Page - RF Micro Devices RFVC1801PCK-410 Datasheet HTML 3Page - RF Micro Devices RFVC1801PCK-410 Datasheet HTML 4Page - RF Micro Devices RFVC1801PCK-410 Datasheet HTML 5Page - RF Micro Devices RFVC1801PCK-410 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140501
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 6
RFVC1801
Absolute Maximum Ratings
Parameter
Rating
Unit
Device Operating Voltage (VS)
5.5
V
VTUNE (VT)
0 to +20
V
Device Operating Current
80
mA
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
Operating Junction Temperature (TJ)
+140
°C
ESD Rating - Human Body Model (HBM)
Class 0
Caution! ESD sensitive device.
RFMD Green: RoHS compliant per EU
Directive 2011/65/EU, halogen free per
IEC 61249-2-21, <1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
VS = 5V, Freq = 5GHz to 10GHz, T = 25°C unless noted
otherwise.
Frequency of Operation
5.0
10.0
GHz
Supply Voltage (VS)
4.75
5.00
5.25
V
Recommended operating range.
Supply Current
40
52
70
mA
Tuning Voltage (VTUNE)
0
18
V
Tuning Sensitivity
390
MHz/V
Output Power
3
dBm
Output Phase Noise at 10kHz
-72
dBc/Hz
Output Phase Noise at 100kHz
-96
dBc/Hz
2nd Harmonic
-20
dBc
Frequency Pushing
18
MHz/V
Frequency Pulling (2:1 VSWR)
5
MHz pp
RF Output Return Loss
9
dB
Frequency Drift Rate
-0.7
MHz/°C
VTUNE Port Input Capacitance
4
pF
Thermal Resistance
45
°C/W
Junction to paddle



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com