Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SW-106 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-106
Description  High Power GaAs SPDT Switch DC - 3 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-106 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-106 Datasheet HTML 1Page - Tyco Electronics SW-106 Datasheet HTML 2Page - Tyco Electronics SW-106 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V 2.00
High Power GaAs SPDT Switch
DC - 3 GHz
SW-106, SW-276
Features
q
+39 dBm Typ. 1 dB Compression Point,
-8V Control
q
+65 dBm Typ. 3rd Order Intercept, -8V Control
q
Insertion Loss of 0.4 dB Typical
q
Low Power Consumption
q
Fast Switching Speed
Guaranteed Specifications1
(–55°C to +85°C)
Frequency Range
DC - 3.0 GHz
SW-106
SW-276
Insertion Loss
DC - 0.5 GHz
0.5 dB
0.4 dB Max
DC - 1.0 GHz
0.6 dB
0.5 dB Max
DC - 2.0 GHz
0.8 dB
0.7 dB Max
DC - 3.0 GHz
1.2 dB
1.0 dB Max
Isolation
DC - 0.5 GHz
34 dB
37 dB Min
DC - 1.0 GHz
32 dB
31 dB Min
DC - 2.0 GHz
20 dB
24 dB Min
DC - 3.0 GHz
15 dB
19 dB Min
VSWR
DC - 0.5 GHz
1.3:1
1.3:1 Max
DC - 1.0 GHz
1.5:1
1.5:1 Max
DC - 2.0 GHz
1.5:1
1.5:1 Max
DC - 3.0 GHz
1.6:1
1.6:1 Max
Operating Characteristics2
Impedance
50 Ohms Nominal
Switching Characteristics
Trise, Tfall (10% to 90% )
30 ns Typ
Ton, Toff (50% CTL to 90%/10% RF)
35 ns Typ
Transients (In-Band)
12 mV Typ
Input Power for Compression
0.1 dB
1.0 dB
0.9 GHz
(-5VControl)
+32.5 dBm
+35.5 dBm
Typ
0.9 GHz
(-8V Control)
+35.5 dBm
+39.5 dBm
Typ
Third Order Intercept Point (with two +10 dBm Input Tones)
0.9 GHz
(-5V Control)
+61 dBm Typ
0.9 GHz
(-8V Control)
+65 dBm Typ
Control Voltages
Vin Low
0 to -0.2V @ 20 µA Max
Vin High
-5V @ 50 µA Typ to -10V @ 800 µA Max
1. All specifications apply when operated with bias voltages of 0V for Vin Low
and -5 to -10V for Vin High, and 50 ohm impedance at all RFports, unless
otherwise specified.
2. High power (greater than 1W) handling specifications apply to cold switching
only. For input powers under 1W hot switching can be used.
3. Contact the factory for standard or custom screening requirements.
SW-106 (CR-5)
SW-276 (CR-2)
For both switches:
Bottom of Case is AC Ground
Dimension in ( ) are in mm.
Unless Otherwise Noted:
.xxx = ± 0.010 (.xx = ± 0.25)
.xx = ± 0.02 (.x = ± 0.5)
Ordering Information
Part Number
Package
SW-106 PIN
Surface Mount
SW-276 PIN
Ceramic


Similar Part No. - SW-106

ManufacturerPart #DatasheetDescription
logo
Black Box Registered Tr...
SW-104 BLACKBOX-SW-104 Datasheet
1Mb / 4P
4 Port Unmanaged Ethernet Switch 10/100
SW-105 BLACKBOX-SW-105 Datasheet
1Mb / 4P
5 Port Unmanaged Ethernet Switch 10/100
SW-108 BLACKBOX-SW-108 Datasheet
1Mb / 4P
8 Port Unmanaged Ethernet Switch 10/100
More results

Similar Description - SW-106

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW2000 MACOM-MASW2000 Datasheet
109Kb / 2P
GaAs SPDT Switch DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Hexawave, Inc
HWS408 HW-HWS408 Datasheet
77Kb / 2P
GaAs DC-3 GHz SPDT Switch
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
GaAs MMIC SPDT SWITCH, DC - 3 GHz
logo
Hexawave, Inc
HWS429_V3 HW-HWS429_V3_15 Datasheet
76Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS408_V6 HW-HWS408_V6_15 Datasheet
58Kb / 2P
GaAs DC-3 GHz SPDT Switch
logo
Analog Devices
HMC190BMS8 AD-HMC190BMS8 Datasheet
467Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
TECH PUBLIC Electronics...
TPAS179-92LF TECHPUBLIC-TPAS179-92LF Datasheet
3Mb / 5P
GaAs DC-3 GHz SPDT Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com