Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN91445 Datasheet(PDF) 21 Page - Ramtron International Corporation

Part # AN91445
Description  Antenna Design Guide
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

AN91445 Datasheet(HTML) 21 Page - Ramtron International Corporation

Back Button AN91445 Datasheet HTML 17Page - Ramtron International Corporation AN91445 Datasheet HTML 18Page - Ramtron International Corporation AN91445 Datasheet HTML 19Page - Ramtron International Corporation AN91445 Datasheet HTML 20Page - Ramtron International Corporation AN91445 Datasheet HTML 21Page - Ramtron International Corporation AN91445 Datasheet HTML 22Page - Ramtron International Corporation AN91445 Datasheet HTML 23Page - Ramtron International Corporation AN91445 Datasheet HTML 24Page - Ramtron International Corporation AN91445 Datasheet HTML 25Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Antenna Design Guide
www.cypress.com
Document No. 001-91445 Rev. *B
21
Figure 26. Effect of Plastic Casing
Both Figure 25 and Figure 26 reveal some important observations:
The resonant frequency shifts to a lower frequency when the antenna is placed near the plastic casing.
The shift in resonant frequency is observed to be about 100 MHz to 200 MHz. The antenna must be tuned again
to bring it to the desired band. For antenna tuning, see Guidelines for Enclosure and Ground Plane.
In conclusion, increasing the ground plane size and plastic casing tends to decrease the resonant frequency of the
antenna by approximately 100 MHz to 200 MHz.
12
Guidelines for Enclosure and Ground Plane
Ensure that there is no component, mounting screw, or ground plane near the tip of the antenna or length of the
antenna.
The battery cable or mic cable should not cross the antenna trace on the PCB on the same side of the antenna.
The antenna should not be covered by a metallic enclosure completely. If the product has a metallic casing or a
shield, the casing should not cover the antenna. No metal is allowed in the antenna near-field.
The orientation of the antenna should be in line with the final product orientation so that the radiation is
maximized in the desired direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com