Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB6M Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MB6M
Description  Single-Phase Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MB6M Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MB6M_15 Datasheet HTML 1Page - KEC(Korea Electronics) MB6M_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2005. 6. 1
1/2
Revision No : 0
FEATURES
・Plastic package has Underwriters Laboratory flammability
Classification 94V-0.
・Glass passivated chip junction.
・High surge overload rating : 35A peak.
・Saves space on printed circuit boards.
・Recommended for non-automotive applications.
MAXIMUM RATING (Ta=25
℃)
SEMICONDUCTOR
TECHNICAL DATA
MB6M
Single-Phase Bridge Rectifiers
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
repetitive peak reverse voltage
VRRM
600
V
RMS voltage
VRMS
420
V
DC blocking voltage
VDC
600
V
Average forward output rectified
current (see Fig.1) On glass-epoxy
P.C.B on aluminum substrate.
IF(AV)
0.5 (Note1)
0.8 (Note2)
A
Peak forward surge current
IFSM
35.0
A
Rating for fusing (t<8.3ms)
I
2t
5.0
A
2sec
Operating Junction and
Storage Temperature Range
Tj, Tstg
-55~150
CHARACTERISTIC
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Forward voltage
VF
IF=0.4A
-
-
1.0
V
Leakage current
Ta=25
IR
VR=600V
-
-
5.0
μA
Ta=125
-
-
100
Junction capacitance
CJ
VR=4.0V, f=1.0MHz
-
13
-
pF
Typical thermal resistance
Rth(A)
(Note1)
Junction to ambient
-
-
85
℃/W
Rth(A)
(Note 2)
70
Rth(L)
(Note 1)
Junction to lead
-
-
20
Note 1) on glass epoxy P.C.B mounted on 0.05
×0.05 (1.3×1.3mm) Pads.
Note 2) on aluminum substrate P.C.B with an area of 0.8
×0.8 (20×20mm) mounted on 0.05×0.05 (1.3×1.3mm) solder pad.


Similar Part No. - MB6M_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MB6M-E3/45 VISHAY-MB6M-E3/45 Datasheet
62Kb / 3P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
16-Aug-13
More results

Similar Description - MB6M_15

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
Single Phase Bridge Rectifiers
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
GBJ10005 SIRECTIFIER-GBJ10005 Datasheet
113Kb / 2P
Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
SINGLE - PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
MB6M KEC-MB6M Datasheet
52Kb / 2P
Single-Phase Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIERS
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005_16 Datasheet
88Kb / 2P
Single Phase Bridge Rectifiers
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com