Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SW-489TR Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-489TR
Description  GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-489TR Datasheet(HTML) 1 Page - Tyco Electronics

  SW-489TR Datasheet HTML 1Page - Tyco Electronics SW-489TR Datasheet HTML 2Page - Tyco Electronics SW-489TR Datasheet HTML 3Page - Tyco Electronics SW-489TR Datasheet HTML 4Page - Tyco Electronics SW-489TR Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
• Low Voltage Operation 2.5V
• Low Harmonics > 65 dBc at +34 dBm & 1 GHz
• Low Insertion Loss 0.5 dB at 1 GHz
• High Isolation 18.5 dB at 2 GHz
• Miniature FQFP 12-lead 3x3mm Package
• 0.5 micron GaAs pHEMT Process
Description
M/A-COM’s SW-489 is a GaAs PHEMT MMIC single
pole three throw (SP3T) high power switch in a low cost
miniature FQFP 12-lead 3x3mm thin profile package.
The SW-489 is ideally suited for applications where high
power, low control voltage, low insertion loss, high isola-
tion, small size and low cost are required. Typical appli-
cations are for GSM and DCS handset systems that con-
nect separate transmit and receive functions to a com-
mon antenna, as well as other handset and related appli-
cations. This part can be used in all systems operating
up to 2.5 GHz requiring high power at low control volt-
age.
The SW-489 is fabricated using a 0.5 micron gate length
GaAs PHEMT process. The process features full pas-
sivation for performance and reliability.
GaAs SP3T 2.5V High Power Switch
DC - 2.5 GHz
PIN
No.
PIN Name
Description
1
V3
Control 3
2
RF3
RF Port 3
3
GND
RF Ground
4
GND
RF Ground
5
RF2
RF Port 2
6
V2
Control 2
7
GND
RF Ground
8
RF1
RF Port 1
9
V1
Control 1
10
GND
RF Ground
11
ANT
Antenna Port
12
GND
RF Ground
13
GND (paddle)
RF Ground
Functional Schematic
Pin Configuration
Preliminary
Feb 12 2002
Parameter
Absolute
Maximum
Max Input Power (0.5 - 2.5 GHz,
2.5V Control)
+38 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40 oC to +85 oC
Storage Temperature
-65 oC to +150 oC
Absolute Maximum Ratings 1
1. Exceeding any one or combination of these limits may
cause permanent damage.
RF3
RF1
V1
GND
GND
V3
100 pF
100 pF
PIN 1
PIN 12


Similar Part No. - SW-489TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-489TR MA-COM-SW-489TR Datasheet
87Kb / 3P
GaAs SP3T 2.5 V High Power Switch DC - 2.5 GHz
More results

Similar Description - SW-489TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0033 MACOM-MASWSS0033 Datasheet
241Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
MASW-008330 MACOM-MASW-008330 Datasheet
136Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MACOM-MASWSS0028 Datasheet
142Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0100 MACOM-MASWSS0100 Datasheet
103Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
GaAs DC-2.5 GHz SP3T Switch
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MA-COM-MASWSS0028 Datasheet
93Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0100 MA-COM-MASWSS0100 Datasheet
65Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
SW-489 MA-COM-SW-489 Datasheet
87Kb / 3P
GaAs SP3T 2.5 V High Power Switch DC - 2.5 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com