Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P3C1256L55SNMLF Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P3C1256L55SNMLF
Description  LOW POWER 32K x 8 STATIC CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1256L55SNMLF Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P3C1256L55SNMLF Datasheet HTML 1Page - Pyramid Semiconductor Corporation P3C1256L55SNMLF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P3C1256L55SNMLF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1256L55SNMLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1256L55SNMLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1256L55SNMLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1256L55SNMLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1256L55SNMLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1256L55SNMLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
P3C1256L - 32K x 8 STATIC CMOS RAM
Page 4
Document # SRAM143 REV A
TIMIng WAVEFORM OF READ CyCLE nO. 1 (OE COnTROLLED)(5)
TIMIng WAVEFORM OF READ CyCLE nO. 2 (ADDRESS COnTROLLED)(5,6)
notes:
1. Stresses greater than those listed under MAxIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to MAxIMUM rating conditions for extended
periods may affect reliability.
2. Extended temperature operation guaranteed with 400 linear feet per
minute of air flow.
3. Transient inputs with V
IL and IIL not more negative than –3.0V and
–100mA, respectively, are permissible for pulse widths up to 20ns.
4. This parameter is sampled and not 100% tested.
5. WE is HIGH for READ cycle.
6. CE is LOW and OE is LOW for READ cycle.
7. ADDRESS must be valid prior to, or coincident with CE transition
LOW.
8. Transition is measured ± 200 mV from steady state voltage prior to
change,withloadingasspecifiedinFigure1. Thisparameterissampled
and not 100% tested.
9. Read Cycle Time is measured from the last valid address to the first
transitioning address.
TIMIng WAVEFORM OF READ CyCLE nO. 3 (ADDRESS COnTROLLED)(5,7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com