Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P4C164LL-80CWCLF Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C164LL-80CWCLF
Description  VERY LOW POWER 8Kx8 STATIC CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C164LL-80CWCLF Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C164LL-80CWCLF Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C164LL-80CWCLF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C164LL-80CWCLF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C164LL-80CWCLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C164LL-80CWCLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C164LL-80CWCLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C164LL-80CWCLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C164LL-80CWCLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C164LL-80CWCLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
P4C164LL - VERY LOW POWER 8K x 8 STATIC CMOS RAM
Page 4
Document # SRAM116 REV 04
TIMIng WAVEFORM OF READ CYCLE nO. 1 (OE COnTROLLED)(1)
TIMIng WAVEFORM OF READ CYCLE nO. 2 (ADDRESS COnTROLLED)
notes:
5. WE is HIGH for READ cycle.
6. CE
1 is LOW, CE2 is HIGH and OE is LOW for READ cycle.
7. ADDRESS must be valid prior to, or coincident with CE
1 transition LOW
and CE
2 transition HIGH.
8. Transition is measured ± 200 mV from steady state voltage prior to
change,withloadingasspecifiedinFigure1. Thisparameterissampled
and not 100% tested.
9. Read Cycle Time is measured from the last valid address to the first
transitioning address.
10. Transitions caused by a chip enable control have similar delays ir-
respective of whether CE
1 or CE2 causes them.
TIMIng WAVEFORM OF READ CYCLE nO. 3 (CE
1, CE2 COnTROLLED)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com