Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P4C164LL-100SILF Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P4C164LL-100SILF
Description  VERY LOW POWER 8Kx8 STATIC CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C164LL-100SILF Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P4C164LL-100SILF Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C164LL-100SILF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C164LL-100SILF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C164LL-100SILF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C164LL-100SILF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C164LL-100SILF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C164LL-100SILF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C164LL-100SILF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C164LL-100SILF Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
P4C164LL - VERY LOW POWER 8K x 8 STATIC CMOS RAM
Page 2
Document # SRAM116 REV 04
DC ELECTRICAL CHARACTERISTICS
(Over Recommended Operating Temperature & Supply Voltage)(2)
Symbol
Parameter
Min
Max
Unit
V
CC
Supply Voltage with Respect to GND
-0.5
7.0
V
V
TERM
Terminal Voltage with Respect to GND (up to 7.0V)
-0.5
VCC + 0.5
V
T
A
Operating Ambient Temperature
-55
125
°C
S
TG
Storage Temperature
-65
150
°C
I
OUT
Output Current into Low Outputs
25
mA
I
LAT
Latch-up Current
> 200
mA
MAxIMUM RATIngS(1)
RECOMMEnDED OPERATIng TEMPERATURE & SUPPLY VOLTAgE
grade
Ambient Temp
Supply Voltage
Commercial
0°C to 70°C
4.5V ≤ V
CC ≤ 5.5V
Industrial
-40°C to +85°C
4.5V ≤ V
CC ≤ 5.5V
Military
-55°C to +125°C
4.5V ≤ V
CC ≤ 5.5V
Sym Parameter
Test Conditions
Min
Max
Unit
V
OH
Output High Voltage
(I/O
0 - I/O7)
I
OH= -1mA, VCC = 4.5V
2.4
V
V
OL
Output Low Voltage
(I/O
0 - I/O7)
I
OL = 2.1mA
0.4
V
V
IH
Input High Voltage
2.2
V
CC + 0.3
V
V
IL
Input Low Voltage
-0.5(3)
0.8
V
I
LI
Input Leakage Current
GND ≤ V
IN ≤ VCC
Com / Ind
-2
+2
µA
Military
-5
+5
I
LO
Output Leakage Current
GND ≤ V
OUT ≤ VCC
CE
1 ≥ VIH
Com / Ind
-2
+2
µA
Military
-10
+10
I
SB
V
CC Current
TTL Standby Current
(TTL Input Levels)
V
CC = 5.5V, IOUT = 0 mA
CE
1 = VIH or CE2 = VIL
Com / Ind
100
µA
Military
400
I
SB1
V
CC Current
CMOS Standby Current
(CMOS Input Levels)
V
CC = 5.5V, IOUT = 0 mA
CE
1 ≥ VCC - 0.2V or CE2 ≤ 0.2V
Com / Ind
3
µA
Military
25
notes:
1. Stresses greater than those listed under MAxIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to MAxIMUM rating conditions for extended
periods may affect reliability.
2. Extended temperature operation guaranteed with 400 linear feet per
minute of air flow.
3. Transient inputs with V
IL and IIL not more negative than –3.0V and
–100mA, respectively, are permissible for pulse widths up to 20ns.
4. This parameter is sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com