Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P4C164LL-9003ILF Datasheet(PDF) 7 Page - Pyramid Semiconductor Corporation

Part # P4C164LL-9003ILF
Description  VERY LOW POWER 8Kx8 STATIC CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C164LL-9003ILF Datasheet(HTML) 7 Page - Pyramid Semiconductor Corporation

Back Button P4C164LL-9003ILF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C164LL-9003ILF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C164LL-9003ILF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C164LL-9003ILF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C164LL-9003ILF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C164LL-9003ILF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C164LL-9003ILF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C164LL-9003ILF Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C164LL-9003ILF Datasheet HTML 10Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
P4C164LL - VERY LOW POWER 8K x 8 STATIC CMOS RAM
Page 7
Document # SRAM116 REV 04
ORDERIng InFORMATIOn
DATA RETEnTIOn CHARACTERISTICS
Symbol
Parameter
Test Condition
Min
Typ. * V
CC =
Max V
CC =
Unit
2.0V
3.0V
2.0V
3.0V
V
DR
V
CC for Data Retention
2.0
V
I
CCDR
Data Retention Current
CE
1 ≥ VCC - 0.2V or
CE
2 ≤ 0.2V, VIN ≥ VCC - 0.2V or
V
IN ≤ 0.2V
1
2
3
4
µA
t
CDR
Chip Deselect to Data Retention Time
0
ns
t
R
†
Operation Recovery Time
t
RC
§
ns
DATA RETEnTIOn WAVEFORM
*
TA = +25°C
§t
RC = Read Cycle Time
† This parameter is guaranteed but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com