Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P4C164LL-90CWILF Datasheet(PDF) 6 Page - Pyramid Semiconductor Corporation

Part # P4C164LL-90CWILF
Description  VERY LOW POWER 8Kx8 STATIC CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C164LL-90CWILF Datasheet(HTML) 6 Page - Pyramid Semiconductor Corporation

Back Button P4C164LL-90CWILF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C164LL-90CWILF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C164LL-90CWILF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C164LL-90CWILF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C164LL-90CWILF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C164LL-90CWILF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C164LL-90CWILF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C164LL-90CWILF Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C164LL-90CWILF Datasheet HTML 10Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
P4C164LL - VERY LOW POWER 8K x 8 STATIC CMOS RAM
Page 6
Document # SRAM116 REV 04
AC TEST COnDITIOnS
TRUTH TABLE
TIMIng WAVEFORM OF WRITE CYCLE nO. 2 (CE COnTROLLED)(6)
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Times
3ns
Input Timing Reference Level
1.5V
Output Timing Reference Level
1.5V
Output Load
See Figures 1 and 2
Mode
CE
1
CE
2
OE
WE
I/O
Power
Standby
H
x
x
x
High Z
Standby
Standby
x
L
x
x
High Z
Standby
D
OUT Disabled
L
H
H
H
High Z
Active
Read
L
H
L
H
D
OUT
Active
Write
L
H
x
L
High Z
Active
Figure 1. Output Load
Figure 2. Thevenin Equivalent
* including scope and test fixture.
note:
Because of the ultra-high speed of the P4C164LL, care must be taken
whentestingthisdevice;aninadequatesetupcancauseanormalfunction-
ing part to be rejected as faulty. Long high-inductance leads that cause
supply bounce must be avoided by bringing the V
CC and ground planes
directly up to the contactor fingers. A 0.01 µF high frequency capacitor
is also required between V
CC and ground. To avoid signal reflections,
proper termination must be used; for example, a 50Ω test environment
should be terminated into a 50Ω load with 1.77V (Thevenin Voltage) at
the comparator input, and a 589Ω resistor must be used in series with
D
OUT to match 639Ω (Thevenin Resistance).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com