Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PYA28HC256-90CWM Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # PYA28HC256-90CWM
Description  Access Times of 70, 90 and 120ns Software Data Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28HC256-90CWM Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  PYA28HC256-90CWM Datasheet HTML 1Page - Pyramid Semiconductor Corporation PYA28HC256-90CWM Datasheet HTML 2Page - Pyramid Semiconductor Corporation PYA28HC256-90CWM Datasheet HTML 3Page - Pyramid Semiconductor Corporation PYA28HC256-90CWM Datasheet HTML 4Page - Pyramid Semiconductor Corporation PYA28HC256-90CWM Datasheet HTML 5Page - Pyramid Semiconductor Corporation PYA28HC256-90CWM Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYA28HC256-90CWM Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28HC256-90CWM Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28HC256-90CWM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PYA28HC256 - HIGH SPEED 32K x 8 EEPROM
Page 4
Document # EEPROM106 REV 03
DC ELECTRICAL CHARACTERISTICS
(Over Recommended Operating Temperature & Supply Voltage)(2)
Sym Parameter
Value
Unit
V
CC
Power Supply Pin with
Respect to GND
-0.3 to +6.25
V
V
TERM
Terminal Voltage with
Respect to GND (up to
6.25V)
-0.5 to +6.25
V
T
A
Operating Temperature
-55 to +125
°C
T
BIAS
Temperature Under Bias
-55 to +125
°C
T
STG
Storage Temperature
-65 to +150
°C
P
T
Power Dissipation
1.0
W
I
OUT
DC Output Current
50
mA
MAxIMUM RATIngS(1)
RECOMMEnDED OPERATIng COnDITIOnS
grade(2)
Ambient Temp
gnD
V
CC
Military
-55°C to +125°C
0V
5.0V ± 10%
CAPACITAnCES(4)
(V
CC = 5.0V, TA = 25°C, f = 1.0MHz)
Sym
Parameter
Conditions Typ Unit
C
IN
Input Capacitance
V
IN = 0V
10
pF
C
OUT
Output Capacitance
V
OUT = 0V
10
pF
Sym Parameter
Test Conditions
Min
Max
Unit
V
IH
Input High Voltage
2.0
V
CC + 0.3
V
V
IL
Input Low Voltage
-0.5(3)
0.8
V
V
HC
CMOS Input High Voltage
V
CC - 0.2
V
CC + 0.5
V
V
LC
CMOS Input Low Voltage
-0.5(3)
0.2
V
V
OL
Output Low Voltage (TTL Load)
I
OL = +2.1 mA, VCC = Min
0.45
V
V
OH
Output High Voltage (TTL Load)
I
OH = -0.4 mA, VCC = Min
2.4
V
I
LI
Input Leakage Current
V
CC = Max
V
IN = GND to VCC
-10
+10
µA
I
LO
Output Leakage Current
V
CC = Max, CE = VIH,
V
OUT = GND to VCC
-10
+10
µA
I
SB
Standby Power Supply Current (TTL Input Levels)
CE ≥ V
IH, OE = VIL,
V
CC = Max,
f = Max, Outputs Open
90, 120ns
—
3
mA
70ns
60
mA
I
SB1
Standby Power Supply Current (CMOS Input Levels)
CE ≥ V
HC,
V
CC = Max,
f = 0, Outputs Open,
V
IN ≤ VLC or VIN ≥ VHC
—
300
µA
I
CC
Supply Current
CE = OE = V
IL,
WE = V
IH,
All I/O's = Open,
Inputs = V
CC = 5.5V
—
80
mA
notes:
1. Stresses greater than those listed under MAxIMuM RAtINGS may
cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to MAxIMUM rating conditions for extended
periods may affect reliability.
2. Extended temperature operation guaranteed with 400 linear feet per
minute of air flow.
3.TransientinputswithV
IL and IIL not more negative than -3.0V and -100mA,
respectively, are permissible for pulse widths up to 20ns.
4. This parameter is sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com