Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PYA28C16-20CWMB Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # PYA28C16-20CWMB
Description  Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28C16-20CWMB Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  PYA28C16-20CWMB Datasheet HTML 1Page - Pyramid Semiconductor Corporation PYA28C16-20CWMB Datasheet HTML 2Page - Pyramid Semiconductor Corporation PYA28C16-20CWMB Datasheet HTML 3Page - Pyramid Semiconductor Corporation PYA28C16-20CWMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation PYA28C16-20CWMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation PYA28C16-20CWMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYA28C16-20CWMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28C16-20CWMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28C16-20CWMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PYA28C16 - 2K x 8 EEPROM
Page 2
Document # EEPROM108 REV A
Grade(2)
Ambient Temp
GND
V
CC
Military
-55°C to +125°C
0V
5.0V ± 10%
OPERATION
READ
Read operations are initiated by both OE and CE LOW.
The read operation is terminated by either CE or OE re-
turning HIGH. This two line control architecture elimi-
nates bus contention in a system environment. The data
bus will be in a high impedance state when either OE or
CE is HIGH.
BYTE WRITE
Write operations are initiated when both CE and WE are
LOW and OE is HIGH. The PYA28C16 supports both a
CE and WE controlled write cycle. That is, the address is
latched by the falling edge of either CE or WE, whichever
occurs last. Similarly, the data is latched internally by the
rising edge of either CE or WE, whichever occurs first. A
byte write operation, once initiated, will automatically con-
tinue to completion.
CHIP CLEAR
The contents of the entire memory of the PYA28C16 may
be set to the high state by the CHIP CLEAR operation.
By setting CE low and OE to 12 volts, the chip is cleared
when a 10 msec low pulse is applied to WE.
DEVICE IDENTIFICATION
An extra 32 bytes of EEPROM memory are available to
the user for device identification. By raising A
9 to 12 ±
0.5V and using address locations 7E0H to 7FFH the ad-
ditional bytes may be written to or read from in the same
manner as the regular memory array.
DATA
POLLING
The PYA28C16 features DATA Polling as a method to in-
dicate to the host system that the byte write cycle has
completed. DATA Polling allows a simple bit test opera-
tion to determine the status of the PYA28C16, eliminat-
ing additional interrupts or external hardware. During the
internal programming cycle, any attempt to read the last
byte written will produce the complement of that data on
I/O
7 (i.e., write data=0xxx xxxx, read data=1xxx xxxx).
Once the programming cycle is complete, I/O
7 will reflect
true data.
Sym Parameter
Value
Unit
V
CC
Power Supply Pin with
Respect to GND
-0.3 to +6.25
V
V
TERM
Terminal Voltage with
Respect to GND (up to
6.25V)
-0.5 to +6.25
V
T
A
Operating Temperature
-55 to +125
°C
T
BIAS
Temperature Under Bias
-55 to +125
°C
T
STG
Storage Temperature
-65 to +150
°C
P
T
Power Dissipation
1.0
W
I
OUT
DC Output Current
50
mA
MAXIMUM RATINGS(1)
RECOMMENDED OPERATING CONDITIONS
CAPACITANCES(4)
(V
CC = 5.0V, TA = 25°C, f = 1.0MHz)
Sym
Parameter
Conditions Typ Unit
C
IN
Input Capacitance
V
IN = 0V
10
pF
C
OUT
Output Capacitance
V
OUT = 0V
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com