Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P4C1257L12PC Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P4C1257L12PC
Description  ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1257L12PC Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P4C1257L12PC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1257L12PC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1257L12PC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1257L12PC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1257L12PC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1257L12PC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1257L12PC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1257L12PC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1257L12PC Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
P4C1257/P4C1257L - ULTRA HIGH SPEED 256K X 1 STATIC CMOS RAMS
Page 2
Document # SRAM137 REV 01
DC ELECTRICAL CHARACTERISTICS
(Over Recommended Operating Temperature & Supply Voltage)(2)
Sym Parameter
Value
Unit
V
CC
Power Supply Pin with
Respect to GND
-0.5 to +7
V
V
TERM
Terminal Voltage with
Respect to GND (up to
7.0V)
-0.5 to VCC + 0.5
V
T
A
Operating Temperature
-55 to +125
°C
T
BIAS
Temperature Under Bias
-55 to +125
°C
T
STG
Storage Temperature
-65 to +150
°C
P
T
Power Dissipation
1.0
W
I
OUT
DC Output Current
50
mA
MAxIMUM RATIngS(1)
RECOMMEnDED OPERATIng COnDITIOnS
grade(2)
Ambient Temp
gnD
V
CC
Commercial
0°C to 70°C
0V
5.0V ± 10%
Industrial
-40°C to +85°C
0V
5.0V ± 10%
Military
-55°C to +125°C
0V
5.0V ± 10%
CAPACITAnCES(4)
(V
CC = 5.0V, TA = 25°C, f = 1.0MHz)
Sym
Parameter
Conditions Typ Unit
C
IN
Input Capacitance
V
IN=0V
8
pF
C
OUT
Output Capacitance
V
OUT=0V
10
pF
Sym Parameter
Test Conditions
P4C1257
P4C1257L
Unit
Min
Max
Min
Max
V
IH
Input High Voltage
2.2
V
CC + 0.5
2.2
V
CC + 0.5
V
V
IL
Input Low Voltage
-0.5(3)
0.8
-0.5(3)
0.8
V
V
HC
CMOS Input High Voltage
V
CC - 0.2
V
CC + 0.5
V
CC - 0.2
V
CC + 0.5
V
V
LC
CMOS Input Low Voltage
-0.5(3)
0.2
-0.5(3)
0.2
V
V
CD
Input Clamp Diode Voltage V
CC = Min, IIN = -18 mA
-1.2
-1.2
V
V
OL
Output Low Voltage (TTL
Load)
I
OL = +8 mA, VCC = Min
0.4
0.4
V
V
OH
Output High Voltage (TTL
Load)
I
OH = -4 mA, VCC = Min
2.4
2.4
V
I
LI
Input Leakage Current
V
CC = Max,
V
IN = GND to VCC
MIL
-10
+10
-10
+10
µA
IND/COM
-5
+5
-5
+5
I
LO
Output Leakage Current
V
CC = Max, CE = VIH,
V
OUT = GND to VCC
MIL
-10
+10
-10
+10
µA
IND/COM
-5
+5
-5
+5
I
CC
Operating Supply Current
V
CC=Max, IOUT=0 mA, f=Max
95
85
mA
I
SB
Standby Power Supply
Current (TTL Input Levels)
CE ≥ V
IH, VCC = Max, f = Max,
Outputs Open
MIL
—
25
—
25
mA
IND/COM
—
25
—
25
I
SB1
Standby Power Supply
Current (CMOS Input
Levels)
CE ≥ V
HC, VCC = Max, f = 0,
Outputs Open
V
IN ≤ VLC or VIN ≥ VHC
MIL
—
20
—
3
mA
IND/COM
—
10
—
3
N/A = Not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com