Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PYA28C16-20LMB Datasheet(PDF) 7 Page - Pyramid Semiconductor Corporation

Part # PYA28C16-20LMB
Description  Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28C16-20LMB Datasheet(HTML) 7 Page - Pyramid Semiconductor Corporation

Back Button PYA28C16-20LMB Datasheet HTML 2Page - Pyramid Semiconductor Corporation PYA28C16-20LMB Datasheet HTML 3Page - Pyramid Semiconductor Corporation PYA28C16-20LMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation PYA28C16-20LMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation PYA28C16-20LMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYA28C16-20LMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28C16-20LMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28C16-20LMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation PYA28C16-20LMB Datasheet HTML 10Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PYA28C16 - 2K x 8 EEPROM
Page 7
Document # EEPROM108 REV A
AC TEST CONDITIONS
TRUTH TABLE
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Times
10ns
Input Timing Reference Level
1.5V
Output Timing Reference Level
1.5V
Output Load
See Figure 1
Mode
CE
OE
WE
I/O
Read
L
L
H
D
OUT
Write
L
H
L
D
IN
Write Inhibit
X
L
X
—
Write Inhibit
X
X
H
—
Standby
H
X
X
High Z
Output Disable
X
H
X
High Z
Figure 1. Output Load



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com