Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PYA28C64-25LMB Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # PYA28C64-25LMB
Description  Access Times of 150, 200, 250 and 350ns Fast Byte Write (200us or 1 ms)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28C64-25LMB Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  PYA28C64-25LMB Datasheet HTML 1Page - Pyramid Semiconductor Corporation PYA28C64-25LMB Datasheet HTML 2Page - Pyramid Semiconductor Corporation PYA28C64-25LMB Datasheet HTML 3Page - Pyramid Semiconductor Corporation PYA28C64-25LMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation PYA28C64-25LMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation PYA28C64-25LMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYA28C64-25LMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28C64-25LMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28C64-25LMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Document # EEPROM105 REV B
Revised June 2012
PYA28C64(X)
8K X 8 EEPROM
FEATURES
Access Times of 150, 200, 250 and 350ns
Single 5V±10% Power Supply
Fast Byte Write (200µs or 1 ms)
Low Power CMOS:
- 60 mA Active Current
- 150 µA Standby Current
Fast Write Cycle Time
RDY/BUSY pin is not connected for the
PYA28C64X
CMOS & TTL Compatible Inputs and Outputs
Endurance:
- 10,000 Write Cycles
- 100,000 Write Cycles (optional)
Data Retention: 10 Years
Available in the following package:
– 28-Pin 600 mil Ceramic DIP
– 32-Pin Ceramic LCC (450x550 mils)
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS
DIP (C5-1)
DESCRIPTION
The PYA28C64 is a 5 Volt 8Kx8 EEPROM. The PYA28C64
featuresDATAandRDY/BUSY(PYA28C64only)toindicate
early completion of a Write Cycle. Data Retention is 10
Years. The device is available in a 28-Pin 600 mil wide
Ceramic DIP and 32-Pin LCC.
LCC (L6)
NOTE: The RDY/BUSY pin is not connected for the PYA28C64X.


Similar Part No. - PYA28C64-25LMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PYA28C64B PYRAMID-PYA28C64B Datasheet
717Kb / 11P
Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C64B-15CWM PYRAMID-PYA28C64B-15CWM Datasheet
717Kb / 11P
Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C64B-15CWMB PYRAMID-PYA28C64B-15CWMB Datasheet
717Kb / 11P
Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C64B-15L32M PYRAMID-PYA28C64B-15L32M Datasheet
717Kb / 11P
Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C64B-15L32MB PYRAMID-PYA28C64B-15L32MB Datasheet
717Kb / 11P
Access Times of 150, 200, 250 and 350ns Software Data Protection
More results

Similar Description - PYA28C64-25LMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PYA28C010 PYRAMID-PYA28C010 Datasheet
904Kb / 15P
Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
PYA28C16 PYRAMID-PYA28C16 Datasheet
667Kb / 10P
Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
PYA28C16B PYRAMID-PYA28C16B Datasheet
663Kb / 10P
Access Times of 150, 200, 250 and 350ns Byte Write Cycle Time - 10 ms Maximum
PYA28C64B PYRAMID-PYA28C64B Datasheet
717Kb / 11P
Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C256 PYRAMID-PYA28C256 Datasheet
796Kb / 14P
Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28HC256 PYRAMID-PYA28HC256 Datasheet
798Kb / 15P
Access Times of 70, 90 and 120ns Software Data Protection
PYX28HC64 PYRAMID-PYX28HC64 Datasheet
717Kb / 11P
Access Times of 70, 90, and 120ns Software Data Protection
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA_14 Datasheet
87Kb / 11P
High-speed access and chip select times
logo
Micross Components
AS5SP128K36 MICROSS-AS5SP128K36 Datasheet
701Kb / 14P
Byte Write support
AS8SLC128K32 MICROSS-AS8SLC128K32 Datasheet
141Kb / 10P
Fast Access Times of 10 to 25ns
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com