Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE71S6167 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE71S6167
Description  Transfer Electromechanical Relay Switch DC to 12.4 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6167 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE71S6167 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6167 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6167 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6167 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6167 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6167 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
• ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
PE71S6167
PE71S6167 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Transfer Electromechanical Relay Switch DC to 12.4 GHz, N, 50 Watts, 28V Control with
Failsafe PE71S6167
Transfer Electromechanical Relay Switch DC to
12.4 GHz, N, 50 Watts, 28V Control with Failsafe



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com