Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M5-192/104-10AI Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # M5-192/104-10AI
Description  Fifth Generation MACH Architecture
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

M5-192/104-10AI Datasheet(HTML) 2 Page - Lattice Semiconductor

  M5-192/104-10AI Datasheet HTML 1Page - Lattice Semiconductor M5-192/104-10AI Datasheet HTML 2Page - Lattice Semiconductor M5-192/104-10AI Datasheet HTML 3Page - Lattice Semiconductor M5-192/104-10AI Datasheet HTML 4Page - Lattice Semiconductor M5-192/104-10AI Datasheet HTML 5Page - Lattice Semiconductor M5-192/104-10AI Datasheet HTML 6Page - Lattice Semiconductor M5-192/104-10AI Datasheet HTML 7Page - Lattice Semiconductor M5-192/104-10AI Datasheet HTML 8Page - Lattice Semiconductor M5-192/104-10AI Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
2
MACH 5 Family
Note:
1. “M5-xxx” is for 5-V devices. “M5LV-xxx” is for 3.3-V devices.
2. Preliminary specifications for new 6.5ns (Tpd) speed grade. 7.5ns speed grade in production now.
GENERAL DESCRIPTION
The MACH® 5 family consists of a broad range of high-density and high-I/O Complex
Programmable Logic Devices (CPLDs). The fifth-generation MACH architecture yields fast speeds
at high CPLD densities, low power, and supports additional features such as in-system
programmability, Boundary Scan testability, and advanced clocking options (Table 1). The MACH
5 family offers 5-V (M5-xxx) and 3.3-V (M5LV-xxx) operation.
Manufactured in state-of-the-art ISO 9000 qualified fabrication facilities on E2CMOS process
technologies, MACH 5 devices are available with pin-to-pin delays as fast as 5.5 ns (Table 2). The
5.5, 6.5, 7.5, 10, and 12-ns devices are compliant with the PCI Local Bus Specification.
Table 1. MACH 5 Device Features 1
Feature
M5-128/1
M5LV-128
M5-192/1
M5-256/1
M5LV-256
M5-320
M5LV-320
M5-384
M5LV-384
M5-512
M5LV-512
Supply Voltage (V)
5
3.3
5
5
3.3
5
3.3
5
3.3
5
3.3
Macrocells
128
128
192
256
256
320
320
384
384
512
512
Maximum User I/O Pins
120
120
120
160
160
192
192
160
192
256
256
tPD (ns)
5.5
5.5
5.5
5.5
5.5
6.52
6.52
6.52
6.52
6.52
6.52
tSS (ns)
3.0
3.0
3.0
3.0
3.0
3.02
3.02
3.02
3.02
3.02
3.02
tCOS (ns)
4.5
4.5
4.5
4.5
4.5
5.02
5.02
5.02
5.02
5.02
5.02
fCNT (MHz)
182
182
182
182
182
1672
1672
1672
1672
1672
1672
Typical Static Power (mA)
35
35
45
55
55
70
70
75
75
100
100
IEEE 1149.1 Boundary Scan Compliant
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
PCI-Compliant
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com