Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE5CK1002 Datasheet(PDF) 13 Page - Pasternack Enterprises, Inc.

Part # PE5CK1002
Description  Functional from DC to 3 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5CK1002 Datasheet(HTML) 13 Page - Pasternack Enterprises, Inc.

Back Button PE5CK1002 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE5CK1002 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE5CK1002 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PE5CK1002 Datasheet HTML 9Page - Pasternack Enterprises, Inc. PE5CK1002 Datasheet HTML 10Page - Pasternack Enterprises, Inc. PE5CK1002 Datasheet HTML 11Page - Pasternack Enterprises, Inc. PE5CK1002 Datasheet HTML 12Page - Pasternack Enterprises, Inc. PE5CK1002 Datasheet HTML 13Page - Pasternack Enterprises, Inc. PE5CK1002 Datasheet HTML 14Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
TECHNICAL DATA SHEET
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm F General Purpose Calibration Kit Including Short Circuit, Open Circuit, Load and
Thru Components Operating From DC to 3 GHz PE5CK1002
PE5CK1002
PE5CK1002 REV 1.0
75 Ohm F General Purpose Calibration
Kit Including Short Circuit, Open Circuit, Load and
Thru Components Operating From DC to 3 GHz
PE5SC3005 Return Loss
Span: 3000 MHz
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/16/2014
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com