Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFHM8342PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFHM8342PBF
Description  Compatible with Existing Surface Mount Techniques
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM8342PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFHM8342PBF Datasheet HTML 1Page - International Rectifier IRFHM8342PBF Datasheet HTML 2Page - International Rectifier IRFHM8342PBF Datasheet HTML 3Page - International Rectifier IRFHM8342PBF Datasheet HTML 4Page - International Rectifier IRFHM8342PBF Datasheet HTML 5Page - International Rectifier IRFHM8342PBF Datasheet HTML 6Page - International Rectifier IRFHM8342PBF Datasheet HTML 7Page - International Rectifier IRFHM8342PBF Datasheet HTML 8Page - International Rectifier IRFHM8342PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
 
IRFHM8342TRPbF
2
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
July 1, 2014
D
S
G
Static @ TJ = 25°C (unless otherwise specified)
  
 
 
Parameter
Min.
Typ.
Max.
Units
Conditions
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
VGS = 0V, ID = 250µA
BVDSS/TJ
Breakdown Voltage Temp. Coefficient
–––
20
–––
mV/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
13
16
m
 VGS = 10V, ID = 17A 
–––
20
25
VGS = 4.5V, ID = 14A 
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
VDS = VGS, ID = 25µA
VGS(th)
Gate Threshold Voltage Coefficient
–––
-5.2
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
VDS = 24V, VGS = 0V
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
gfs
Forward Transconductance
19
–––
–––
S
VDS = 10V, ID = 17A
Qg
Total Gate Charge
–––
10
–––
nC
VGS = 10V, VDS = 15V, ID = 17A
Qg
Total Gate Charge
–––
5.0
7.5
VDS = 15V
Qgs
Pre-Vth Gate-to-Source Charge
–––
1.8
–––
nC
VGS = 4.5V
Qgd
Gate-to-Drain Charge
–––
1.7
–––
ID = 17A
Qgodr
Gate Charge Overdrive
–––
1.5
–––  
Qoss
Output Charge
–––
3.3
–––
nC
VDS = 16V, VGS = 0V
RG
Gate Resistance
–––
2.6
–––
 
td(on)
Turn-On Delay Time
–––
8.1
–––
VDD = 15V, VGS = 4.5V
tr
Rise Time
–––
30
–––
ns
ID = 17A
td(off)
Turn-Off Delay Time
–––
7.6
–––  
RG=1.8
tf
Fall Time
–––
5.6
–––  
Ciss
Input Capacitance
–––
560
–––
VGS = 0V
Coss
Output Capacitance
–––
102
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
48
–––  
ƒ = 1.0MHz
  
 
Parameter
Typ.
Max.
Units
RJC (Bottom) Junction-to-Case 
–––
6.2
RJC (Top)
Junction-to-Case 
–––
50
°C/W
RJA
Junction-to-Ambient 
–––
49
RJA (<10s)
Junction-to-Ambient 
–––
34
Thermal Resistance
Diode Characteristics
  
 
 
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
–––
–––
20
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
112
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.0
V
TJ = 25°C, IS = 17A, VGS = 0V 
trr
Reverse Recovery Time
–––
9.4
14
ns
TJ = 25°C, IF = 17A, VDD = 15V
Qrr
Reverse Recovery Charge
–––
5.8
8.7
nC
di/dt = 330A/µs 
Avalanche Characteristics
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy 
–––
21
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com