Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3302S Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3302S
Description  1.1MHz Fixed-Frequency PWM Operation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3302S Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3302S Datasheet HTML 1Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 2Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 3Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 4Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 5Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 6Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 7Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 8Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary Datasheet
LP3302S
LP3302S –02
Version 1.2 Datasheet
Feb.-2012
www.lowpowersemi.com
Page 1 of 11
High Performance, Constant Current Switching
Regulator For White LED
General Description
The LP3302S is a 1.1MHz PWM boost switching
regulator designed for constant- current white LED
driver applications. The LP3302S can drive a string
of up to 8 white LEDs from a 3.3V supply or 3S9P
white LEDs from a 5V supply in series, ensuring
uniform brightness and eliminating several ballast
resistors. The LP3302S implements a constant
frequency 1.1MHz PWM control scheme. The high
frequency PWM operation also saves board space
by reducing external component sizes. To improve
efficiency, the feedback voltage is set to 250mV,
which reduces the power dissipation in the current
setting resistor.
Highly integration and internal compensation
network minimizes as 5 external component counts.
Optimized operation frequency can meet the
requirement of small LC filters value and low
operation current with high efficiency.
Ordering Information
LP3302S
F:Pb-free
J6:TSOT23-6
B6: SOT23-6
Pin Configurations
SOT23-6/TSOT23-6
Features
High Efficiency: 88%  
1.1MHz Fixed-Frequency PWM Operation
Maximum Output Voltage up to 27.5V
Operating Range : 2.7V to 6V
Shutdown Supply Current:<1uA  
Available in T/SOT23-6 Package  
Built-in Over Voltage Protection  
Minimize the External Component
RoHS Compliant and 100% Lead Pb-Free
Applications
WLED Backlight driver
OLED Backlight driver
PDA
DSC
Camera Flash WLED driver
Typical Application Circuit
+
4.7uH
+
Vin
LP3302S
4
3
6
5
EN
FB
Vin
OUT
1uF
1uF
Marking information
Please view website.


Similar Part No. - LP3302S

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3302 POWER-LP3302 Datasheet
386Kb / 13P
1.1MHz Fixed-Frequency PWM Operation
More results

Similar Description - LP3302S

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3205F POWER-LP3205F Datasheet
1Mb / 10P
1.5MHz Fixed-Frequency PWM Operation
LP3301 POWER-LP3301 Datasheet
310Kb / 6P
1.5MHz Fixed-Frequency PWM Operation
LP3302 POWER-LP3302 Datasheet
386Kb / 13P
1.1MHz Fixed-Frequency PWM Operation
LP3311S POWER-LP3311S Datasheet
963Kb / 7P
1MHz Fixed-Frequency PWM Operation
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
Fixed frequency operation
V48SR DELTA-V48SR Datasheet
877Kb / 14P
Fixed frequency operation
DNT12SIP03 DELTA-DNT12SIP03 Datasheet
631Kb / 12P
Fixed frequency operation
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
Fixed frequency operation
logo
Maxim Integrated Produc...
MAX15062BEVKIT MAXIM-MAX15062BEVKIT Datasheet
1Mb / 8P
500kHz Fixed-Frequency PWM Operation
Rev 0; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com