Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KIA78M05PI Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIA78M05PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78M05PI Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA78M05PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78M05PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78M05PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78M05PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78M05PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78M05PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA78M05PI Datasheet HTML 7Page - KEC(Korea Electronics) KIA78M05PI Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2002. 8. 29
3/8
KIA78M05PI~KIA78M15PI
Revision No : 3
ELECTRICAL CHARACTERISTICS
KIA78M05PI
(unless otherwise specified : VIN=10V, IOUT=350mA, CIN=0.33 F, COUT=0.1 F)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
Tj=25
4.8
5.0
5.2
V
5mA IOUT 350mA
PD 7.5W, 7.5V VIN 20V
4.75
5.0
5.25
Line Regulation
Reg Line
8V VIN 25V, IOUT=200mA
-
-
50
mV
7.2V VIN 25V, IOUT=200mA
-
-
100
Load Regulation
Reg Load
5mA IOUT 500mA
-
-
100
mV
Quiescent Current
IB
Tj=25
-
4
6
mA
Quiescent Current Change
IB
5mA IOUT 350mA
-
-
0.5
mA
7.5V VIN 25V, IOUT=200mA
-
-
1.0
mA
Output Noise Voltage
VNO
f=10Hz 100kHz
-
40
-
V
Ripple Rejection
R R
f=120Hz, 8V VIN 18V
IOUT=300mA
62
78
-
dB
Dropout Voltage
VD
IOUT=500mA
-
2.0
-
V
Short Circuit Current
ISC
VIN=35V
-
300
-
mA
Output Voltage Drift
VOUT/ T
IOUT=5mA, Tj=0 125
-
-0.5
-
mV/



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com