Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDTC144V Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTC144V
Description  PDTC144V_15
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC144V Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTC144V_15 Datasheet HTML 1Page - NXP Semiconductors PDTC144V_15 Datasheet HTML 2Page - NXP Semiconductors PDTC144V_15 Datasheet HTML 3Page - NXP Semiconductors PDTC144V_15 Datasheet HTML 4Page - NXP Semiconductors PDTC144V_15 Datasheet HTML 5Page - NXP Semiconductors PDTC144V_15 Datasheet HTML 6Page - NXP Semiconductors PDTC144V_15 Datasheet HTML 7Page - NXP Semiconductors PDTC144V_15 Datasheet HTML 8Page - NXP Semiconductors PDTC144V_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
NPN resistor-equipped transistors.
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2).
1.2 Features
1.3 Applications
1.4 Quick reference data
PDTC144V series
NPN resistor-equipped transistors; R1 = 47 k
Ω, R2 = 10 kΩ
Rev. 04 — 16 November 2009
Product data sheet
Table 1.
Product overview
Type number
Package
PNP complement
NXP
JEITA
PDTC144VE
SOT416
SC-75
PDTA144VE
PDTC144VK
SOT346
SC-59A
PDTA144VK
PDTC144VM
SOT883
SC-101
PDTA144VM
PDTC144VS[1]
SOT54 (TO-92)
SC-43A
PDTA144VS
PDTC144VT
SOT23
-
PDTA144VT
PDTC144VU
SOT323
SC-70
PDTA144VU
Built-in bias resistors
Reduces component count
Simplifies circuit design
Reduces pick and place costs
General-purpose switching and
amplification
Circuit drivers
Inverter and interface circuits
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current (DC)
-
-
100
mA
R1
bias resistor 1 (input)
33
47
61
k
Ω
R2/R1
bias resistor ratio
0.17
0.21
0.26


Similar Part No. - PDTC144V_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144VE NXP-PDTC144VE Datasheet
147Kb / 11P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 10 k廓
Rev. 04-16 November 2009
logo
Nexperia B.V. All right...
PDTC144VE NEXPERIA-PDTC144VE Datasheet
260Kb / 12P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 10 kΩ
Rev. 04 - 16 November 2009
PDTC144VE NEXPERIA-PDTC144VE Datasheet
236Kb / 19P
PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04 - 3 September 2009
logo
NXP Semiconductors
PDTC144VK NXP-PDTC144VK Datasheet
147Kb / 11P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 10 k廓
Rev. 04-16 November 2009
logo
Nexperia B.V. All right...
PDTC144VK NEXPERIA-PDTC144VK Datasheet
260Kb / 12P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 10 kΩ
Rev. 04 - 16 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com