Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KIA78D15F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA78D15F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D15F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA78D15F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D15F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D15F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D15F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D15F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D15F Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2009. 2. 10
1/6
SEMICONDUCTOR
TECHNICAL DATA
KIA78D25F/PI~78D15F/PI
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 8
3 TERMINAL LOW DROP OUTPUT
VOLTAGE REGULATOR
The KIA78D
Series are fixed positive output low dropout
type, 3-pin voltage regulators with positive outout.
These regulators are used to provide a stabilized output voltage from
a fluctuating DC input voltage.
These are 12 fixed output voltage, as follows ; 2.5V, 3.3V, 3.5V,
5V, 6V, 8V, 9V, 10V, 12V, and 15V.
The maximum current capacity is 1A for each of the above voltage.
FEATURES
Built in over voltage protection circuit, over current protection
circuit and thermal shut down circuit.
Richly diverse Lineup.
Low minimum I/O voltage differential.
LINE UP
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.50 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. INPUT
2. GND
3. OUTPUT
1.00 0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
Heat Sink is common to
2 GND
DIM
MILLIMETERS
1. INPUT
2. GND
3. OUTPUT
TO-220IS
10.30 MAX
15.30 MAX
2.70 0.30
0.85 MAX
3.20 0.20
3.00 0.30
A
B
C
D
E
F
G
12.30 MAX
0.75 MAX
H
13.60 0.50
3.90 MAX
1.20
1.30
2.54
4.50 0.20
6.80
2.60 0.20
10
J
K
L
M
N
O
P
Q
R
1
2
3
L
N
M
D
N
T
T
H
E
R
T
V
S
L
U
T
S
0.5
5
25
2.60 0.15
V
U
D
A
C
Φ
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
PACKAGE
KIA78D25F/PI
2.5
V
F : DPAK
PI : TO-220IS
KIA78D33F/PI
3.3
KIA78D35F/PI
3.5
KIA78D05F/PI
5
KIA78D06F/PI
6
KIA78D08F/PI
8
KIA78D09F/PI
9
KIA78D10F/PI
10
KIA78D12F/PI
12
KIA78D15F/PI
15


Similar Part No. - KIA78D15F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78D15F KEC-KIA78D15F Datasheet
402Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78D15F/PI KEC-KIA78D15F/PI Datasheet
67Kb / 6P
SEMICONDUCTOR
KIA78D15F/PI KEC-KIA78D15F/PI Datasheet
893Kb / 6P
SEMICONDUCTOR
More results

Similar Description - KIA78D15F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
28-Sep-2004
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com