Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE15A3018 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE15A3018
Description  6 GHz to 18 GHz Frequency Range
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3018 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE15A3018 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3018 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3018 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3018 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3018 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A3018 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
TECHNICAL DATA SHEET
PE15A3018
PE15A3018 REV 1.0
600 mW P1dB, 6 GHz to 18 GHz, Medium Power Broadband Amplifier, 30 dB Gain, 3.5 dB NF, SMA from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 600 mW P1dB, 6 GHz to 18 GHz, Medium Power Broadband Amplifier, 30 dB Gain, 3.5 dB NF,
SMA PE15A3018
URL: http://www.pasternack.com/18-ghz-medium-power-broadband-amplifier-30-db-gain-3.5-db-sma-pe15a3018-p.aspx
600 mW P1dB, 6 GHz to 18 GHz, Medium Power
Broadband Amplifier, 30 dB Gain, 3.5 dB NF, SMA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com