Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPM4953 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LPM4953
Description  Dual 30V P-Channel PowerTrench MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPM4953 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LPM4953 Datasheet HTML 1Page - Lowpower Semiconductor inc LPM4953 Datasheet HTML 2Page - Lowpower Semiconductor inc LPM4953 Datasheet HTML 3Page - Lowpower Semiconductor inc LPM4953 Datasheet HTML 4Page - Lowpower Semiconductor inc LPM4953 Datasheet HTML 5Page - Lowpower Semiconductor inc LPM4953 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary Datasheet
LPM4953
LPM4953 – 00 Version 1.0 Datasheet
Dec.-2009
www.lowpowersemi.com
Page 1 of 6
LPM4953
Dual 30V P-Channel PowerTrench MOSFET
General Description
The LPM4953 is 2-channel the P-channel logic
enhancement mode power field effect transistors are
produced using high cell density, DMOS trench
technology.
This high density process is especially tailored to
minimize on-state resistance.
These devices are particularly suited for low voltage
application, notebook computer power management
and other battery powered circuits where high=-side
switching.
Ordering Information
LPM4953-
□ □
F: Pb-Free
Package Type
SO: SOP-8
Features
■ -30V/-5.0A,RDC(ON)=38mΩ(typ.)@VGS=-10V
■ -30V/-3.6A,RDC(ON)=60mΩ(typ.)@VGS=-4.5V
Super high density cell design for extremely
low RDC(ON)
SOP8 Package
Applications
Portable Media Players
Cellular and Smart mobile phone
LCD
DSC Sensor
Wireless Card
Marking Information
Please see website.
Pin Configurations
SOP8(Top View)


Similar Part No. - LPM4953

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LPM409 BEL-LPM409 Datasheet
2Mb / 16P
Standard output voltages of 1.5 to 54 VDC
More results

Similar Description - LPM4953

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4935A FAIRCHILD-FDS4935A Datasheet
113Kb / 5P
Dual 30V P-Channel PowerTrench MOSFET
FDS9400A FAIRCHILD-FDS9400A Datasheet
165Kb / 5P
30V P-Channel PowerTrench MOSFET
FDS9953A FAIRCHILD-FDS9953A Datasheet
73Kb / 6P
Dual 30V P-Channel PowerTrench MOSFET
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
30V P-Channel PowerTrench MOSFET
SI6933DQ FAIRCHILD-SI6933DQ Datasheet
83Kb / 5P
Dual 30V P-Channel PowerTrench MOSFET
SI6955DQ FAIRCHILD-SI6955DQ Datasheet
164Kb / 5P
Dual 30V P-Channel PowerTrench MOSFET
FDS4935 FAIRCHILD-FDS4935 Datasheet
122Kb / 5P
Dual 30V P-Channel PowerTrench MOSFET
FDS4953 FAIRCHILD-FDS4953_02 Datasheet
97Kb / 5P
Dual 30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
30V P-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS4953 KEXIN-KDS4953 Datasheet
62Kb / 2P
Dual 30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com