Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFS7734PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFS7734PBF
Description  Brushed motor drive applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS7734PBF Datasheet(HTML) 3 Page - International Rectifier

  IRFS7734PBF_15 Datasheet HTML 1Page - International Rectifier IRFS7734PBF_15 Datasheet HTML 2Page - International Rectifier IRFS7734PBF_15 Datasheet HTML 3Page - International Rectifier IRFS7734PBF_15 Datasheet HTML 4Page - International Rectifier IRFS7734PBF_15 Datasheet HTML 5Page - International Rectifier IRFS7734PBF_15 Datasheet HTML 6Page - International Rectifier IRFS7734PBF_15 Datasheet HTML 7Page - International Rectifier IRFS7734PBF_15 Datasheet HTML 8Page - International Rectifier IRFS7734PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
 
IRFB/S/SL7734PbF
3
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 5, 2014
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max. Units
Conditions
gfs
Forward Transconductance
250
–––
–––
S VDS = 10V, ID =100A
Qg
Total Gate Charge
–––
180
270
ID = 100A
Qgs
Gate-to-Source Charge
–––
45
–––
VDS = 38V
Qgd
Gate-to-Drain Charge
–––
55
–––
VGS = 10V
Qsync
Total Gate Charge Sync. (Qg – Qgd)
–––
125
–––
td(on)
Turn-On Delay Time
–––
20
–––
ns
VDD = 38V
tr
Rise Time
–––
123
–––
ID = 100A
td(off)
Turn-Off Delay Time
–––
124
–––
RG= 2.7
tf
Fall Time
–––
100
–––
VGS = 10V 
Ciss
Input Capacitance
–––
10150
–––
pF  
VGS = 0V
Coss
Output Capacitance
–––
816
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
500
–––
ƒ = 1.0MHz
Coss eff.(ER)
Effective Output Capacitance
(Energy Related)
–––
707
–––
VGS = 0V, VDS = 0V to 60V
Coss eff.(TR)
Output Capacitance (Time Related)
–––
916
–––
VGS = 0V, VDS = 0V to 60V
Diode Characteristics  
Symbol
Parameter
Min.
Typ.
Max. Units
Conditions
IS
Continuous Source Current
–––
–––
183
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
650
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.2
V TJ = 25°C,IS = 100A,VGS = 0V 
dv/dt
Peak Diode Recovery dv/dt
–––
5.1
–––
V/ns TJ = 175°C,IS =100A,VDS = 64V
trr
Reverse Recovery Time
–––
47
–––
ns
TJ = 25°C
VDD = 64V
–––
51
–––
TJ = 125°C
IF = 100A,
Qrr
Reverse Recovery Charge
–––
76
–––
nC
TJ = 25°C
di/dt = 100A/µs 
–––
96
–––
TJ = 125°C
 
IRRM
Reverse Recovery Current
–––
2.8
–––
A TJ = 25°C
nC  
D
S
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com