Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE15A3265 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE15A3265
Description  2 GHz to 18 GHz Frequency Range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3265 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE15A3265 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3265 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3265 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3265 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3265 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
TECHNICAL DATA SHEET
The PE15A3265 is a 10 dBm power amplifier designed for operation in the 2 GHz to 18 GHz frequency range. The amplifier
utilizes high power devices that provide excellent linearity and high gain. High efficiency operation is achieved by using hybrid
MIC designs and advanced GaAs PHEMT devices. The amplifier requires only +12 VDC power supply.
Features
2 GHz to 18 GHz Frequency Range
P1dB +13 dBm typ.
Gain 30 dB min.
Gain Flatness +/-1.5 dB typ
Applications
Medium Power Amplifier
Driver Amp
Military Communications
Broadband Communication
Test & Measurement
Electrical Specifications (TA = +25°C, DC Voltage = 12Volts, DC Current = 180mA)
Description
Minimum
Typical
Maximum
Units
Frequency Range
2
18
GHz
Gain
30
33
dB
Output at 1 dB Compression Point
+10
+13
dBm
Noise Figure
3.5
4.5
dB
Input VSWR
1.9:1
2:1
Output VSWR
1.9:1
2:1
Operating DC Voltage
12
Volts
Operating DC Current
180
220
mA
Operating Temperature Range (OTR)
-30
+70
°C
. .
Environmental Specifications
Temperature
Operating Range
-30 to +70 deg C
.
Shock
RTCS, DO-160C
Vibration
RTCS, DO-160C
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
Values at +25 °C, sea level
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
Heat Sink Required for Proper Operation, Unit is cooled by conduction to heat sink.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 13 dBm P1dB, 2 GHz to 18 GHz, Medium Power Broadband Amplifier, 33 dB Gain, 3.5 dB NF,
SMA PE15A3265
PE15A3265
PE15A3265 REV 1.0
13 dBm P1dB, 2 GHz to 18 GHz, Medium Power
Broadband Amplifier, 33 dB Gain, 3.5 dB NF, SMA


Similar Part No. - PE15A3265

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3260 PASTERNACK-PE15A3260 Datasheet
613Kb / 6P
Single DC Positive Supply
PE15A3261 PASTERNACK-PE15A3261 Datasheet
525Kb / 5P
Gain 22 dB typ
PE15A3262 PASTERNACK-PE15A3262 Datasheet
497Kb / 6P
Gain 30 dB min
PE15A3263 PASTERNACK-PE15A3263 Datasheet
463Kb / 6P
15 dBm P1dB, 500 MHz to 18 GHz, Medium Power Broadband Amplifier, 33 dB Gain, SMA
PE15A3264 PASTERNACK-PE15A3264 Datasheet
635Kb / 6P
IP3 34 dBm typ
More results

Similar Description - PE15A3265

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8035-SCC TRIQUINT-TGA8035-SCC_15 Datasheet
204Kb / 7P
6 to 18-GHz Frequency Range
logo
Pasternack Enterprises,...
PE80L3000 PASTERNACK-PE80L3000 Datasheet
418Kb / 7P
2 GHz to 18 GHz Frequency Range
PE15A3018 PASTERNACK-PE15A3018 Datasheet
476Kb / 6P
6 GHz to 18 GHz Frequency Range
PE15A3016 PASTERNACK-PE15A3016 Datasheet
450Kb / 4P
2 GHz to 8 GHz Frequency Range
PE15A3019 PASTERNACK-PE15A3019 Datasheet
451Kb / 4P
6 GHz to 18 GHz Frequency Range
PE15A3020 PASTERNACK-PE15A3020 Datasheet
488Kb / 6P
6 GHz to 18 GHz Frequency Range
PE15A1019 PASTERNACK-PE15A1019 Datasheet
545Kb / 5P
1 GHz to 2 GHz Frequency Range
PE15A5017 PASTERNACK-PE15A5017 Datasheet
477Kb / 6P
0.7 GHz to 6 GHz Frequency Range
PE15A5025 PASTERNACK-PE15A5025 Datasheet
435Kb / 5P
2 GHz to 6 GHz Frequency Range
logo
ATMEL Corporation
T7031 ATMEL-T7031 Datasheet
570Kb / 16P
Frequency Range 2.4 GHz to 2.5 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com