Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAF360X_FAM_SDS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAF360X_FAM_SDS
Description  Digital radio and processing system-on-chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF360X_FAM_SDS Datasheet(HTML) 2 Page - NXP Semiconductors

  SAF360X_FAM_SDS_15 Datasheet HTML 1Page - NXP Semiconductors SAF360X_FAM_SDS_15 Datasheet HTML 2Page - NXP Semiconductors SAF360X_FAM_SDS_15 Datasheet HTML 3Page - NXP Semiconductors SAF360X_FAM_SDS_15 Datasheet HTML 4Page - NXP Semiconductors SAF360X_FAM_SDS_15 Datasheet HTML 5Page - NXP Semiconductors SAF360X_FAM_SDS_15 Datasheet HTML 6Page - NXP Semiconductors SAF360X_FAM_SDS_15 Datasheet HTML 7Page - NXP Semiconductors SAF360X_FAM_SDS_15 Datasheet HTML 8Page - NXP Semiconductors SAF360X_FAM_SDS_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SAF360X_FAM_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product short data sheet
Rev. 3 — 23 January 2015
2 of 15
NXP Semiconductors
SAF360x
Digital radio and processing system-on-chip
For detailed list of supported features, contact NXP Sales; see Section 11.
2.2 DRM
DRM signal decoding for AM and FM digital audio
Prepared for dual DRM support with background scanning or data services from
second station
Frontend to baseband interface through serial I2S-bus type interface
Prepared for secondary baseband interface for dual tuner applications
Channel decoder reception improvements
Supports xHE-AAC codec
Prepared for DRM+
2.3 DAB, DAB+ and T-DMB radio technology
Dual reception processing with on-chip dual DAB front-end, ADC, memory and source
decoding
Data service reception and filtering
Full dual ensemble processing (2
 1.8 Mbit/s)
Optional third tuner input via serial I2S-bus type interface
Integrated DAB-FM/ DAB-DAB time alignment and seamless blending
Integrated support for all actual audio codecs (AAC, HE-AAC, MP2, BSAC)
(Optional) Additional features:
Reception improvement algorithms for single antenna systems delivering
additionally improved BER
Diversity reception improvement through advanced Maximum Ratio Combining
(MRC) algorithms leveraging dual antenna diversity
Third external tuner supports enabling background service scan or data services in
case of two primary Saturn tuners are used for antenna diversity reception
2.4 Digital audio
Up to 6 channel (5.1) audio support through TDM audio interface or triple I2S
Programmable audio sample rate converter (8 kHz to 48 kHz) for up to 6 channels
I2S audio input for auxiliary processing
Optional SRC (8 kHz to 48 kHz) for I2S-bus input
Optional support for input and output 96 kHz sample rate conversion
Basic audio processing for external digital audio sources
Advanced audio processing (contact NXP for a list of supported audio processing
features; see Section 11)
2.5 Other peripheral interfaces
Two I2C-bus interfaces
Two Serial Peripheral Interfaces (SPI)
One High-Speed Serial Peripheral Interface (HS-SPI)
One UART interface
16 individual GPIO pins for applications and diagnostics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com