Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL7665ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # ICL7665ESA
Description  Microprocessor Voltage Monitor with
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7665ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  ICL7665ESA Datasheet HTML 1Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 2Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 3Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 4Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 5Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 6Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 7Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 8Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Microprocessor Voltage Monitor with
Dual Over/Undervoltage Detection
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 5V, TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Leakage Current
IOLK,
IHLK
All grades, VSET = 0V or
VSET ≥ 2V, TA = +25°C
OUT1, OUT2
10
200
nA
HYST1, HSYT2
-10
-100
OUT1, OUT2
2000
HYST1, HSYT2
-500
ICL7665B, V+ = 9V,
TA = TMIN to TMAX
OUT1, OUT2
2000
HYST1, HSYT2
-500
VOUT1 Saturation
Voltage
VSET1 = 2V,
IOUT1 = 2mA
ICL7665, ICL7665B: V+ = 2V
0.20
0.50
ICL7665A: V+ = 2V
0.20
All grades: V+ = 5V
0.10
0.30
ICL7665, ICL7665A: V+ = 15V
0.06
0.20
ICL7665B: V+ = 9V
0.06
0.25
All grades: V+ = 2V
-0.15
-0.30
All grades: V+ = 5V
-0.05
-0.15
ICL7665, ICL665A: V+ = 15V
-0.02
-0.10
ICL7665B: V+ = 9V
-0.02
-0.15
VOUT2 Saturation
Voltage
VSET2 = 0V,
IOUT2 = 2mA
All grades: V+ = 2V
0.20
0.50
V
All grades: V+ = 5V
0.15
0.30
ICL7665, ICL665A: V+ = 15V
0.11
0.25
ICL7665B: V+ = 9V
0.11
0.30
VHYST2 Saturation
Voltage
All grades: V+ = 2V
-0.25
-0.80
V
All grades: V+ = 5V
-0.43
-1.00
ICL7665: V+ = 15V
-0.35
-0.80
ICL7665A: V+ = 15V
-0.35
-1.00
ICL7665B: V+ = 9V
-0.35
-1.00
ISET
GND
≤ VSET ≤ V+
±0.01
±10
nA
∆VSET
0.1
mV
VSET1–
VSET2
±5
±50
mV
±0.1
mV
SYMBOL
V
VHYST1 Saturation
Voltage
V
VSET1 = 2V,
IHYST1 = -0.5mA
ICL7665, ICL7665A,
V+ = 15V,
TA = TMIN to TMAX
VSET2 = 2V,
IHYST2 = -0.2mA
VSET2 = 2V,
IHYST2 = -0.5mA
VSET Input Leakage
Current
ROUT, RHYST = 1M
Ω
ROUT, RHYST = 1M
Ω
ROUT = 4.7k
Ω, RHYST = 20kΩ,
VOUTLO = 1% V+, VOUTHI = 99% V+
VSET Input Change for
Complete Output
Change
Difference in Trip
Voltage
Output/Hysteresis
Difference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com