Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALM-GN002 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-GN002
Description  GNSS LNA-Filter Front-End Module with optional Differential Outputs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-GN002 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ALM-GN002 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALM-GN002 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-GN002 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-GN002 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-GN002 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-GN002 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-GN002 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-GN002 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-GN002 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
Application Circuit (Differential output)
Absolute Maximum Rating[1] TA=25° C
Symbol
Parameter
Units
Absolute Maximum
Vdd
Device Drain to Source Voltage[2]
V
4.0
Idd
Drain Current[2]
mA
15
Pin,max
CW RF Input Power
(Vdd = 2.7 V, Idd = 6.2 mA)
dBm
15
Pdiss
Total Power Dissipation[4]
mW
60
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance
Thermal Resistance [3]
(Vdd = 2.7 V, Idd = 6.2 mA)
θjc = 92°C/W
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Assuming DC quiescent conditions.
3. Thermal resistance measured using Infra-Red
measurement technique.
4. Board (module belly) temperature TB is 25° C.
Derate at 10.4 mW/°C for TB > 144° C.
Vdd = +2.7 V
Vsd
RFout
L5
ALM-GN002
L4
L2
L1
C2
C1
R2
6
5
7
1
2
3, 4, 8
R2
C3
C4
RFout+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com