Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX1108CUB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1108CUB
Description  Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1108CUB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1108CUB Datasheet HTML 1Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 2Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 3Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 4Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 5Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 6Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 7Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 8Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
µA
Single-Supply, Low-Power,
2-Channel, Serial 8-Bit ADCs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX1108 (continued)
(VDD = +2.7V to +3.6V; unipolar input mode; COM = GND, fSCLK = 500kHz, external clock mode (50% duty cycle); 10 clocks/conver-
sion cycle (50ksps); 1µF capacitor at REF, external +2.048V reference at REF; TA = TMIN to TMAX; unless otherwise noted. Typical
values are at TA = +25°C.)
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
External clock, 500kHz, 10 sclks/conv
Internal clock
External clock, 2MHz
µs
20
tCONV
Conversion Time (Note 5)
35
µs
1
tACQ
Track/Hold Acquisition Time
ps
<50
Aperture Jitter
ns
10
Aperture Delay
kHz
400
Internal Clock Frequency
(Note 6)
0 to 0.5mA (Note 7)
ppm/°C
±50
REF Tempco
µA
150
IREFSC
REF Short-Circuit Current
mV
2.5
Load Regulation
kHz
50
500
V
1.968
2.048
2.128
VREF
Output Voltage
+2.048V at REF, full scale,
500kHz external clock
µA
1
20
Input Current
V
2.7
3
5.5
VDD
Supply Voltage
Power down, VDD = 2.7V to 3.6V
Full-scale input, VDD = 2.7V to 3.6V
0.5
2.5
IDD
mV
±0.4
±4
PSR
Power-Supply Rejection (Note 9)
VDD = 2.7V to 3.6V,
CL = 10pF
VDD = 5.5V,
CL = 10pF
105
250
130
µF
1
Capacitive Bypass at REF
V
0.2
VHYST
Input Hysteresis
V
0.8
VIL
Threshold Voltage Low
µA
±1
IIH
Input Current High
VDD ≤ 3.6V
VDD > 3.6V
V
2
V
3
VIH
Threshold Voltage High
MHz
2
External Clock Frequency Range
V
1.0
VDD + 0.05
Input Voltage Range
µA
±1
IIL
Input Current Low
pF
15
CIN
Input Capacitance
For data transfer only
Internal reference
External reference
70
Internal reference
External reference
95
µA
Supply Current (Notes 2, 8)
TRACK/HOLD
INTERNAL REFERENCE
EXTERNAL REFERENCE
POWER REQUIREMENTS
DIGITAL INPUTS (DIN, SCLK, and CS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com