Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MGA-43040 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-43040
Description  High Linearity (2.3 ??2.4) GHz Power Amplifier Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-43040 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-43040 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-43040 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-43040 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-43040 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-43040 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-43040 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-43040 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-43040 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-43040 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Absolute Maximum Rating [1] TA= 25 °C
Symbol
Parameter
Units
Absolute Max.
Vdd, VddBias
Supply voltages, bias supply voltage
V
6
Vc
Control Voltage
V
(Vdd)
Pin,max
CW RF Input Power
dBm
20
Pdiss
Total Power Dissipation [3]
W
5.3
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance [2,3]
qjc = 14.2 °C/W
Notes:
1. Operation of this device in excess of any
of these limits may cause permanent
damage.
2. Thermal resistance measured using Infra-
Red Measurement Technique.
3. Board temperature (TB) is 25 °C , for TB >
74.7
°C derate the device power at 70.4
mW per °C rise in Board (package belly)
temperature.
Electrical Specifications
TA = 25 °C, Vdd1,2,3 = Vddbias=5.0 V, Idqtotal = 350 mA, RF performance at 2.35 GHz, unless otherwise stated.
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
Vdd
Supply Voltage
V
5.0
Idq_total
Quiescent Supply Current
mA
340
Gain
Gain
dB
35
40
OP1dB
Output Power at 1dB Gain Compression
dBm
35
ACPR1 @ Pout=27.0 dBm
LTE 20 MHz 100 RB Test Mode 1.1 downlink signal
dBc
-48
-45
PAE
Power Added Efficiency
%
13
S11
Input Return Loss, 50
Ω source
dB
20
DetR
Detector RF dynamic range
dB
20
2fo
2fo Harmonics
dBc
-27
Product Consistency Distribution Charts [4]
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
33 35 37 39 41 43 45 47 49
0.4
0.5
0.6
0.7
0.8
0.9
6 7 8 9 10 11.5 13 14.5 16
-50.5
-49 -48 -47 -46 -45 -44
17.5 19
Note:
4. Distribution data sample size is 1500 samples taken from 3 different wafer lots. TA=25°C, Vdd=VddBias=5.0V, Vc1=2.0V, Vc2=1.8V, Vc3=1.8V, RF
performance at 2.35 GHz unless otherwise stated. Future wafers allocated to this product may have nominal values anywhere between the upper
and lower limits.
Figure 1. Idq_total, Nominal = 340mA
Figure 2. Idd_total at Pout=27.0dBm, Nominal = 700mA
Figure 3. Gain at Pout=27.0dBm, LSL= 35dB, Nominal = 40dB
Figure 4. PAE at Pout=27.0dBm, Nominal = 13%
Figure 5. ACPR1 at Pout=27.0dBm, USL= -45dBc, Nominal = -47.7dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com