Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX1480BCPI Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1480BCPI
Description  Complete, Isolated RS-485/RS-422 Data Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1480BCPI Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1480BCPI Datasheet HTML 13Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 14Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 15Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 16Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 17Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 18Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 19Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 20Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Complete, Isolated RS-485/RS-422
Data Interface
18
______________________________________________________________________________________
Driver Output Protection
There are two mechanisms to prevent excessive output
current and power dissipation caused by faults or by
bus contention. A foldback current limit on the output
stage provides immediate protection against short cir-
cuits over the entire common-mode range (see the
Typical Operating Characteristics). In addition, a ther-
mal shutdown circuit forces the driver outputs into a
high-impedance state if the die temperature rises
excessively.
Propagation Delay Skew
Typical propagation delays are shown in the Typical
Operating Characteristics using the test circuit of
Figure 5. Propagation delay skew is simply the differ-
ence between the low-to-high and high-to-low propaga-
tion delay. Small driver/receiver skew times help
reduce EMI and reflections by maintaining balanced
differential signals.
The receiver skew time,
I tPLH - tPHL I, is typically under
100ns for the MAX1480A/MAX1490A and under 1µs for
the MAX1480B/MAX1480C/MAX1490B.
The driver skew time is typically 25ns for the
MAX1480A/MAX1490A and 100ns for the MAX1480B/
MAX1480C/MAX1490B.
___________Applications Information
DI and DE are intended to be driven through a
series current-limiting resistor. Directly grounding
these pins destroys the device.
The MAX1480A/MAX1480B/MAX1480C are designed
for bidirectional data communications on multipoint
bus-transmission lines. The MAX1490A/MAX1490B are
designed for full-duplex bidirectional communications
that are primarily point-to-point. Figures 13 and 14
show half-duplex and full-duplex typical network appli-
cation circuits, respectively. To minimize reflections,
terminate the line at both ends with its characteristic
impedance, and keep stub lengths off the main line as
short as possible. The slew-rate-limited MAX1480B/
MAX1480C/MAX1490B are more tolerant of imperfect
termination and stubs off the main line.
Layout Considerations
The MAX1480A/MAX1480B/MAX1480C/MAX1490A/
MAX1490B pinouts enable optimal PC board layout by
minimizing interconnect lengths and crossovers.
• For maximum isolation, the “isolation barrier” should
not be breached except by the MAX1480A/
MAX1480B/MAX1480C/MAX1490A/MAX1490B.
SHIELD (OPTIONAL)
NOTE: RESISTORS R5 AND R6 PROTECT
THE MAX1490A/B FROM TRANSIENT
CURRENTS BETWEEN SHIELD AND
TRANSMISSION LINES.
120Ω
120Ω
120Ω
A
B
Z
Y
Y
Z
R3
R4
R5, 100Ω
SH1
SH2
R1
R2
R6, 100Ω
DI
´
VIN
5V
22µF
0.1µF
C1
C2
MAX1490A/B
LOGIC GROUND
ISOLATION BARRIER
ISOLATED COMMON
DRIVER INPUT
RECEIVER OUTPUT
DI
RO
74HC86
OR EQUIVALENT
SHIELD (OPTIONAL)
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
AC1 (MAKE NO CONNECTION)
AC2 (MAKE NO CONNECTION)
ISO VCC1
ISO RO DRV
D2
D1
VCC2
VCC1
A
B
Z
Y
VCC3
SD
FS
GND1
16
15
14
13
9
10
11
12
ISO COM1
ISO DI DRV
ISO VCC2
ISO RO LED
GND2
RO
VCC4
DI
D
DI
RO
120Ω
B
A
R
Figure 14. Typical Full-Duplex RS-485/RS-422 Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com