Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRLML6402PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLML6402PBF
Description  Ultra Low On-Resistance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML6402PBF Datasheet(HTML) 1 Page - International Rectifier

  IRLML6402PBF Datasheet HTML 1Page - International Rectifier IRLML6402PBF Datasheet HTML 2Page - International Rectifier IRLML6402PBF Datasheet HTML 3Page - International Rectifier IRLML6402PBF Datasheet HTML 4Page - International Rectifier IRLML6402PBF Datasheet HTML 5Page - International Rectifier IRLML6402PBF Datasheet HTML 6Page - International Rectifier IRLML6402PBF Datasheet HTML 7Page - International Rectifier IRLML6402PBF Datasheet HTML 8Page - International Rectifier IRLML6402PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
75
100
°C/W
HEXFET® Power MOSFET
These P-Channel MOSFETs from International Rectifier utilize advanced
processing techniques to achieve extremely low on-resistance per silicon
area. This benefit, combined with the fast switching speed and ruggedized
device design that HEXFET® power MOSFETs are well known for, provides
the designer with an extremely efficient and reliable device for use in battery
and load management.
A thermally enhanced large pad leadframe has been incorporated into the
standard SOT-23 package to produce a HEXFET Power MOSFET with the
industry's smallest footprint. This package, dubbed the Micro3
™, is ideal
for applications where printed circuit board space is at a premium. The low
profile (<1.1mm) of the Micro3 allows it to fit easily into extremely thin
application environments such as portable electronics and PCMCIA
cards. The thermal resistance and power dissipation are the best available.
Thermal Resistance
VDSS = -20V
RDS(on) = 0.065Ω
l Ultra Low On-Resistance
l P-Channel MOSFET
l SOT-23 Footprint
l Low Profile (<1.1mm)
l Available in Tape and Reel
l Fast Switching
l Lead-Free
l RoHS Compliant, Halogen-Free
Description
Parameter
Max.
Units
VDS
Drain- Source Voltage
-20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-3.7
ID @ TA= 70°C
Continuous Drain Current, VGS @ -4.5V
-2.2
A
IDM
Pulsed Drain Current

-22
PD @TA = 25°C
Power Dissipation
1.3
PD @TA = 70°C
Power Dissipation
0.8
Linear Derating Factor
0.01
W/°C
EAS
Single Pulse Avalanche Energy
„
11
mJ
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
W
Micro3
™
S
G 1
2
D
3
IRLML6402PbF
Form
Quantity
IRLML6402TRPbF
Micro3™ (SOT-23)
Tape and Reel
3000
IRLML6402TRPbF
Package Type
Standard Pack
Orderable Part Number
Base Part Number
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
April 28, 2014


Similar Part No. - IRLML6402PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6402PBF IRF-IRLML6402PBF Datasheet
139Kb / 8P
HEXFET Power MOSFET
IRLML6402PBF-1 IRF-IRLML6402PBF-1 Datasheet
193Kb / 8P
Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
Compatible with Existing Surface Mount Techniques
More results

Similar Description - IRLML6402PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44VPBF IRF-IRFZ44VPBF Datasheet
149Kb / 8P
Ultra Low On-Resistance
IRF7425TRPBF IRF-IRF7425TRPBF Datasheet
157Kb / 9P
Ultra Low On-Resistance
IRLML5203GTRPBF IRF-IRLML5203GTRPBF Datasheet
199Kb / 9P
Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRFR4105 KERSEMI-IRFR4105 Datasheet
3Mb / 10P
Ultra Low On-Resistance
IRFU3303PBF KERSEMI-IRFU3303PBF Datasheet
3Mb / 10P
ULTRA LOW ON-RESISTANCE
IRFU4105PBF KERSEMI-IRFU4105PBF Datasheet
3Mb / 10P
Ultra Low On-Resistance
logo
International Rectifier
IRF8852TRPBF IRF-IRF8852TRPBF Datasheet
276Kb / 10P
 Ultra Low On-Resistance
IRLML6402GTRPBF IRF-IRLML6402GTRPBF Datasheet
188Kb / 8P
Ultra Low On-Resistance
IRFR9024NTRLPBF IRF-IRFR9024NTRLPBF Datasheet
1Mb / 11P
Ultra Low On-Resistance
IRLMS2002TR IRF-IRLMS2002TR Datasheet
100Kb / 8P
Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com