Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX152EAP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX152EAP
Description  3V, 8-Bit ADC with 1uA Power-Down
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX152EAP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX152EAP Datasheet HTML 1Page - Maxim Integrated Products MAX152EAP Datasheet HTML 2Page - Maxim Integrated Products MAX152EAP Datasheet HTML 3Page - Maxim Integrated Products MAX152EAP Datasheet HTML 4Page - Maxim Integrated Products MAX152EAP Datasheet HTML 5Page - Maxim Integrated Products MAX152EAP Datasheet HTML 6Page - Maxim Integrated Products MAX152EAP Datasheet HTML 7Page - Maxim Integrated Products MAX152EAP Datasheet HTML 8Page - Maxim Integrated Products MAX152EAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
+3V, 8-Bit ADC with 1µA Power-Down
2
_______________________________________________________________________________________
VDD to GND .............................................................-0.3V to +7V
VSS to GND ..............................................................+0.3V to -7V
Digital Input Voltage to GND ........................-0.3V, (VDD + 0.3V)
Digital Output Voltage to GND .....................-0.3V, (VDD + 0.3V)
VREF+ to GND................................(VSS - 0.3V) to (VDD + 0.3V)
VREF- to GND.................................(VSS - 0.3V) to (VDD + 0.3V)
VIN to GND .....................................(VSS - 0.3V) to (VDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 11.11mW/°C above +70°C) ..........889mW
Wide SO (derate 10.00mW/°C above +70°C)..............800mW
SSOP (derate 8.00mW/°C above +70°C) ....................640mW
CERDIP (derate 11.11mW/°C above +70°C) ...............889mW
Operating Temperature Ranges:
MAX152C__ ........................................................0°C to +70°C
MAX152E__ .....................................................-40°C to +85°C
MAX152MJP ..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS
(Unipolar input range, VDD = 3.0V to 3.6V, GND = 0V, VSS = GND, VREF+ = 3.0V, VREF- = GND, specifications are given for RD
mode (pin 7 = GND), TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
CONDITIONS
UNITS
Resolution
N
Bits
Total Unadjusted Error
TUE
Unipolar range
LSB
Differential Nonlinearity
DNL
No-missing-codes guaranteed
LSB
Zero-Code Error (Note 2)
Unipolar and bipolar modes
LSB
Full-Scale Error (Note 2)
Unipolar and bipolar modes
LSB
S/(N+D)
MAX152C/E, fSAMPLE =
400kHz, fIN = 30.273kHz
dB
THD
dB
Spurious-Free Dynamic Range
dB
Input Full-Power Bandwidth
VIN = 3.0Vp-p
MHz
Maximum Input Slew Rate, Tracking
V/µs
Input Voltage Range
VIN
V
Input Leakage Current
IIN
VSS < VIN < VDD
µA
Input Capacitance
CIN
pF
Reference Resistance
RREF
k
Ω
VREF+ Input Voltage Range
V
VREF- Input Voltage Range
V
Signal-to-Noise Plus
Distortion Ratio
Total Harmonic Distortion
MAX152M, fSAMPLE = 340kHz,
fIN = 30.725kHz
MAX152C/E, fSAMPLE =
400kHz, fIN = 30.273kHz
MAX152M, fSAMPLE = 340kHz,
fIN = 30.725kHz
ABSOLUTE MAXIMUM RATINGS
MAX152C/E, fSAMPLE =
400kHz, fIN = 30.273kHz
MAX152M, fSAMPLE = 340kHz,
fIN = 30.725kHz
MIN
TYP
MAX
8
±1
±1
±1
±1
-50
-50
50
50
0.3
0.28
0.5
VREF-
VREF+
±3
22
12
4
VREF-
VDD
VSS
VREF+
45
45
DYNAMIC PERFORMANCE (Note 3)
ACCURACY (Note 1)
ANALOG INPUT
REFERENCE INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com