Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NFSW385A Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NFSW385A
Description  Built-in ESD Protection Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSW385A Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NFSW385A Datasheet HTML 1Page - NICHIA CORPORATION NFSW385A Datasheet HTML 2Page - NICHIA CORPORATION NFSW385A Datasheet HTML 3Page - NICHIA CORPORATION NFSW385A Datasheet HTML 4Page - NICHIA CORPORATION NFSW385A Datasheet HTML 5Page - NICHIA CORPORATION NFSW385A Datasheet HTML 6Page - NICHIA CORPORATION NFSW385A Datasheet HTML 7Page - NICHIA CORPORATION NFSW385A Datasheet HTML 8Page - NICHIA CORPORATION NFSW385A Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
NICHIA STS-DA1-2851F <Cat.No.150622>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
250
mA
Pulse Forward Current
IFP
350
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
825
mW
Operating Temperature
Topr
-40~100
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
130
°C
* Absolute Maximum Ratings at TS=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
Forward Voltage
VF
IF=65mA
2.91
-
V
Rnn
Luminous Flux
Φv
IF=65mA
36.3
-
lm
Luminous Intensity
Iv
IF=65mA
11.2
-
cd
Color Rendering Index
Ra
IF=65mA
-
-
-
R70
Luminous Flux
Φv
IF=65mA
35.6
-
lm
Luminous Intensity
Iv
IF=65mA
10.7
-
cd
Color Rendering Index
Ra
IF=65mA
73
-
-
R8000
Luminous Flux
Φv
IF=65mA
34.5
-
lm
Luminous Intensity
Iv
IF=65mA
10.6
-
cd
Color Rendering Index
Ra
IF=65mA
83
-
-
Chromaticity Coordinate
x
-
IF=65mA
0.3447
-
-
y
-
IF=65mA
0.3553
-
-
Thermal Resistance
RθJS
-
13
19
°C/W
* Characteristics at TS=25°C.
* Luminous Flux value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* RθJS is Thermal Resistance from junction to TS measuring point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com