Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACMD-4104 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACMD-4104
Description  UMTS Band 4 Duplexer with Balanced Rx Port
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACMD-4104 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACMD-4104 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACMD-4104 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACMD-4104 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Package Outline
“A”= Mfg (Avago Technologies, Inc.)
Y = ACMD-4104
Y = Year, last digit
W = Work Week
XXXX = Lot Number
Product Marking and Pin Orientation
RX
TX
ANT
YYW
PIN 1 MARK
XXXX
0.60
(REF)
0.30
(REF)
PAD 2
1. Dimensions in millimeters
2. Tolerance, unless otherwise noted:
X.XX ± 0.05 mm
X.XXX ± 0.025 mm
3. Dimensions nominal, unless otherwise noted
4. Angles 45° nominal
5. Contact areas are gold plated
RX-A
2.00±0.075
0.825
±0.075
TX
1.60
±0.075
1.850
0.08
(0.13 MAX.)
TOP VIEW
BOTTOM VIEW
SIDE VIEW
ANT
0.33
0.30
GND
RX-B
GND
GND
GND
(GND)
0.925
CENTER PAD 9
0.15 × 45°
0.33
(REF)
0.30
(REF)
0.60
(6)
(9)
(8)
(1)
(2)
(3)
(4)
(5)
(7)
Pin Connections:
1
Rx-A
2, 4, 5, 7, 9 Gnd
3
Tx
6
Ant
8
Rx-B
0.08
(0.13 MAX.)
0.33
0.30
SIGNAL PADS 1, 3, 6, 8
0.08
(0.13 MAX.)
GROUND PADS 4, 5, 7
0.040 × 45°
4 CORNERS
0.33 (3×)
0.30 (3X)
0.08
(0.13 MAX.)
0.075 ±0.050
ALL AROUND
PIN 1 MARK
Notes:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com