Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACMD-6025 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACMD-6025
Description  Duplexer for LTE Band 25
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACMD-6025 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACMD-6025 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACMD-6025 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1. Dimensions in millimeters
Tolerance: X.X ± 0.1 mm
X.XX ± 0.05 mm
2. Dimensions nominal unless otherwise noted
3. Angles 45° nominal
4. I/O Pads (3 ea)
Size: 0.40 X 0.40 mm
Spacing to ground metal: 0.30 mm
5. Contact areas are gold plated
Figure 1. Package Outline Drawing.
Pin Connections:
1
Rx
2, 4, 5, 7, 9
Gnd
3
Tx
6
Ant
8
Optional: Gnd, NC or Rx(–)
Package Dimensions
0.85
(0.95 MAX)
ORIENTATION
MARK
RX
2.5
(2.60 MAX)
TX
2.0
(2.10 MAX)
ANT
GND
OPT
GND
GND
GND
(GND)
2.30
0.40
1.15
0.90
(6)
(9)
(8)
(1)
(2)
(3)
(4)
(5)
(7)
TOP VIEW
SIDE VIEW
BOTTOM VIEW
0.40
0.1
0.15 X 45°
I/O PADS (8X)
CENTER GROUND PAD
0.90
(REF)
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2012 Avago Technologies. All rights reserved.
AV02-3888EN - October 30, 2012
Ordering Information
Part Number
No. of Devices
Container
ACMD-6025-BLK
100
Tape Strip or Anti-static Bag
ACMD-6025-TR1
3000
178 mm (7-inch) Reel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com