Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACPF-7624 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPF-7624
Description  Wi-Fi Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPF-7624 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPF-7624 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPF-7624 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPF-7624 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Avago Technologies
- 2 -
ACPF-7624
Product Brief
Package Dimensions
Package Dimensions
Marking Specification
Notes:
1. Dimensions in millimeters
2. Dimensions nominal unless otherwise specified
3. Standard tolerance as below unless otherwise specified
X.XX ±0.05
.XXX ±0.025
4. Contact areas are gold plated
Pin 3
(GND)
Pin 4
(ANT)
Pin 2
(TX/RX)
Pin 1
(GND)
Pin 5 (GND)
PIN 1 ORIENTATION
Pin 3
(GND)
Pin 4
(ANT)
Pin 2
(TX/RX)
Pin 1
(GND)
Pin 5
(GND)
TOP VIEW
BOTTOM VIEW
SIDE VIEW
0.230
±0.020
0.71
±0.020
0.283
0.283
0.178
0.178
5X 0.175 X 0.175
0.050 X 45°
0.92 ±0.020
Notes:
1. “
A” = Avago Technologies, Inc.
2. P/N Symbol = ACPF-7624
3. Date Code and Lot Code Symbols
shown for reference only - actual
symbols will vary over time
PIN 1 ORIENTATION MARK
(AVAGO LOGO SYMBOL)
Pin 3
(GND)
Pin 4
(ANT)
Pin 2
(TX/RX)
Pin 1
(GND)
Pin 5
(GND)
DATE CODE SYMBOL
LOT CODE SYMBOLS
P/N SYMBOL (ACPF-7624)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com