Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX1626C/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX1626C/D
Description  5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1626C/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX1626C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 11Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 12Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 13Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 14Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 15Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
5V/3.3V or Adjustable, 100% Duty-Cycle,
High-Efficiency, Step-Down DC-DC Controllers
14
______________________________________________________________________________________
VIA
VIA
VIAS
COMPONENT PLACEMENT GUIDE—COMPONENT SIDE
COPPER ROUTING—FRONT SIDE
COPPER ROUTING—BACK SIDE
Figure 11. Recommended PC Board Design for 6A Step-Down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com