Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADAM-2017PZ Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-2017PZ
Description  Wireless 6-ch Analog Input Node with Power Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-2017PZ Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-2017PZ Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
ADAM-2031Z
ADAM-2017PZ
Features
ƒ IEEE 802.15.4 Wireless Standard
ƒ Supports Star/Tree/Mesh Network Topologies
ƒ Modbus Communication Protocol
ƒ Low Power Consumption
ƒ LED Indicators
ƒ Embedded Sensor
Specifications
Temperature Sensor Input
ƒ
Operating Range
-20°C ~ 70°C (-4°F ~ 157.9°F)
ƒ
Resolution
0.02°C (0.04°F)
ƒ
Accuracy
±2.0°C
(Battery Mode)
±1.0°C @ 25~40°C
ƒ
Response Rate
±1°C/min.
ƒ
Long Term Drift
< 0.04°C/Year (0.07°F/Year)
Humidity Sensor Input
ƒ
Operating Range
0 ~ 100% RH
ƒ
Resolution
0.15% RH
ƒ
Accuracy
±8.0% RH
(Battery Mode)
±6.0% RH @ 40~60% RH
ƒ
Response Time
8 seconds (Achieving 63% of a step function)
ƒ
Long Term Drift
0.5% RH/Year
Ordering Information
ƒ
ADAM-2031Z
Wireless Temperature & Humidity Sensor Node
ADAM-2031Z
ADAM-2017PZ
Wireless Temperature & Humidity
Sensor Node
Wireless 6-ch Analog Input Node with
Power Amplifier
General
ƒ
Connectors
1 x plug-in terminal block (#14 ~ 22 AWG)
ƒ
Power Input
Unregulated 10 ~ 30 VDC
ƒ
Battery Input
2 x AA Alkaline
ƒ
Power Consumption
0.3 W @ 24 VDC
Battery AA * 2
420 uW @ 3 VDC (1 minute Tx Interval)
240 uW @ 3 VDC (2 minute Tx Interval)
150 uW @ 3 VDC (5 minute Tx Interval)
Environment
ƒ
Operating Temperature
External Power
-20°C ~ 70°C (-4°F ~ 157.9°F)
Battery Power
0°C ~ 50°C (32°F ~ 122°F)
ƒ
Storage Temperature
-40°C~ 85°C (-40°F ~ 184°F )
ƒ
Operating Humidity
20~95% RH
ƒ
Storage Humidity
0~95% RH
Common Specifications
Wireless Communication
ƒ
IEEE Standard
IEEE 802.15.4
ƒ
Modulation Type
DSSS (OQPSK)
ƒ
Frequency Band
ISM 2.4 GHz (2.4 GHz ~ 2.4835 GHz)
ƒ
Channels
11 - 26
ƒ
RF Data Rate
250 Kbps
ƒ
Transmit Power
3 ± 1 dBm (ADAM-2031Z)
15 ± 1dBm (ADAM-2017PZ)
ƒ
Receiver Sensitivity
-97 dBm
ƒ
Topologies
Star / Tree / Mesh
ƒ
Outdoor Range
110 m with line of sight (ADAM-2031Z)
1000 m with line of sight (ADAM-2017PZ)
ƒ
Function
End Device
Features
ƒ IEEE 802.15.4 Wireless Standard
ƒ Supports Star/Tree/Mesh Network Topologies
ƒ Modbus Communication Protocol
ƒ LED Indicators
Specifications
Analog Input
ƒ
Channels
6 Non-Isolation (Differential)
ƒ
Input Max Voltage
+/-15V
ƒ
Common Mode Volts
10 VDC
ƒ
Input Impedance
>10 M
Ω (Voltage), 120Ω (Current)
ƒ
lnput Type
mV, V, mA
ƒ
Input Range
±150mV, ±500mV, ±1V, ±5V, ±10V,
±20mA, 0~20mA, 4~20 mA
ƒ
Accuracy
Voltage: +/-0.1% or better (Current) at 25°C
Current: +/-0.2% or better (Current) at 25°C
ƒ
Span Drift
±25 ppm/°C
ƒ
Zero Drift
±6 μV/°C
ƒ
Resolution
16-bit
ƒ
Sampling Rate
12 samples/second (total)
ƒ
CMR @ 50/60 Hz
100 dB
ƒ
NMR @ 50/60 Hz
65 dB
Ordering Information
ƒ
ADAM-2017PZ
Wireless 6-ch Analog Input Node with Power Amplifier
NEW
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - ADAM-2017PZ

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-2031Z ADVANTECH-ADAM-2031Z Datasheet
1Mb / 1P
Wireless Temperature & Humidity Sensor Node
ADAM-2051PZ ADVANTECH-ADAM-2051PZ Datasheet
1Mb / 1P
Wireless 8-ch Digital Input Node with Power Amplifier
ADAM-2051PZ ADVANTECH-ADAM-2051PZ Datasheet
309Kb / 1P
Wireless Sensor Network 8-ch Digital Input Node with Power Amplifier
ADAM-2051Z ADVANTECH-ADAM-2051Z Datasheet
1Mb / 1P
Wireless 8-ch Digital Input Node
ADAM-2051Z ADVANTECH-ADAM-2051Z Datasheet
309Kb / 1P
Wireless Sensor Network 8-ch Digital Input Node with Power Amplifier
More results

Similar Description - ADAM-2017PZ

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-2051PZ ADVANTECH-ADAM-2051PZ Datasheet
1Mb / 1P
Wireless 8-ch Digital Input Node with Power Amplifier
ADAM-2051Z ADVANTECH-ADAM-2051Z Datasheet
1Mb / 1P
Wireless 8-ch Digital Input Node
ADAM-2510Z ADVANTECH-ADAM-2510Z Datasheet
980Kb / 1P
Wireless Router Node
WISE-1020 ADVANTECH-WISE-1020 Datasheet
839Kb / 2P
Wireless IoT IP Node
ADAM-2051Z ADVANTECH-ADAM-2051Z_15 Datasheet
309Kb / 1P
Wireless Sensor Network 8-ch Digital Input Node with Power Amplifier
WISE-1021 ADVANTECH-WISE-1021 Datasheet
457Kb / 2P
Wireless IoT Node
WISE-1020 ADVANTECH-WISE-1020_15 Datasheet
480Kb / 2P
Wireless IoT Node
logo
Murata Manufacturing Co...
SN90RC-4 MURATA-SN90RC-4 Datasheet
830Kb / 5P
4 Analog Channel, Battery Powered Wireless Sensor Node
logo
List of Unclassifed Man...
V-LINK-200 ETC1-V-LINK-200 Datasheet
715Kb / 2P
Wireless 8 Channel Analog Input Sensor Node
V-LINK-200CEVERSION ETC1-V-LINK-200CEVERSION Datasheet
12Mb / 97P
Wireless 8 Channel Analog Input Sensor Node
I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com